Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2S0765 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KA2S0765
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2S0765 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA2S0765 Datasheet HTML 2Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 3Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 4Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 5Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 6Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 7Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 8Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 9Page - Fairchild Semiconductor KA2S0765 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KA2S0765
10/17/01 0.0m 001
Stock#DSxxxxxxxx
 2001 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
TU : Non Forming Type
YDTU : Forming Type
Product Number
Package
Rating
Operating Temperature
KA2S0765-TU
TO-3P-5L
650V,7A
-25
°C to +85°C
KA2S0765-YDTU
TO-3P-5L(Forming)


Similar Part No. - KA2S0765

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-TU FAIRCHILD-KA2S0680B-TU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B-YDTU FAIRCHILD-KA2S0680B-YDTU Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880 FAIRCHILD-KA2S0880 Datasheet
139Kb / 8P
   SPS
More results

Similar Description - KA2S0765

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com