Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS25810 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS25810
Description  TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810 Datasheet(HTML) 1 Page - Texas Instruments

  TPS25810_15 Datasheet HTML 1Page - Texas Instruments TPS25810_15 Datasheet HTML 2Page - Texas Instruments TPS25810_15 Datasheet HTML 3Page - Texas Instruments TPS25810_15 Datasheet HTML 4Page - Texas Instruments TPS25810_15 Datasheet HTML 5Page - Texas Instruments TPS25810_15 Datasheet HTML 6Page - Texas Instruments TPS25810_15 Datasheet HTML 7Page - Texas Instruments TPS25810_15 Datasheet HTML 8Page - Texas Instruments TPS25810_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
100
NŸ
(1%)
6 x 100
(optional )
2.9 V
± 5.5V
Control Signals
Auxiliary Power
Power Switch
Status Signals
Type- C DFP
Status Signals
VBUS
IN1
IN2
EN
CHG
CHG_HI
REF
GND
OUT
FAULT
LD_ DET
CC1
CC2
UFP
POL
AUDIO
DEBUG
Power Pad
TPS25810
AUX
CC Power
4.5 V
± 5.5V
1202F
102F
REF_ RTN
4.5 V
± 6.5V
Bus Power
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS25810
SLVSCR1A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
1 Features
3 Description
The TPS25810 is a USB Type-C Downstream Facing
1
USB Type-C Rev. 1.1 Compliant DFP Controller
Port (DFP) controller with an integrated 3-A rated
Connector Attach/Detach Detection
USB power switch. The TPS25810 monitors the
STD/1.5-A/3-A Capability Advertisement on CC
Type-C
Configuration
Channel
(CC)
lines
to
determine when an USB device is attached. If an
Super Speed Polarity Determination
Upstream Facing Port (UFP) device is attached, the
VBUS Application and Discharge
TPS25810 applies power to VBUS and communicates
VCONN Application to Electronically Marked Cable
the selectable VBUS current sourcing capability to the
UFP via the passthrough CC line. If the UFP is
Audio and Debug Accessory Identification
attached using an electronically marked cable, the
0.7-µA (typ) IDDQ with No Attachment
TPS25810 also applies VCONN power to the cable CC
Three Input Supply Options
pin. The TPS25810 also identifies when Type-C
IN1: USB Charging Supply
audio or debug accessories are attached.
IN2: VCONN Supply
The TPS25810 draws less than 0.7 uA (typ) when no
AUX: Device Power Supply
device is attached. Additional system power saving is
achievable in S4/S5 system power states by using
Power Wake Supports Low Power in System
the UFP output to disable the high power 5-V supply
Hibernate (S4) and OFF (S5) Power States
when no UFP is attached. In this mode the device is
34-m
Ω (typ) High-Side MOSFET
capable of running from an auxiliary supply (AUX)
1.7/3.4-A ILimit (±7.1%) - Programmable
which can be a lower voltage supply (3.3 V), typically
powering the system uC in low power states (S4/S5).
Port Power Management Enables Power
Resource Optimization Across Multi-Ports
The
TPS25810
34-m
power
switch
has
two
selectable fixed current limits that align with the Type-
Package: 20-Pin WQFN (3 x 4)
C current levels. The FAULT output signals when the
UL and CB Tests Underway
switch is in an over current or over temperature
condition.
The
LD_DET
output
controls
power
2 Applications
management to multiple high current Type-C ports in
an environment where all ports cannot simultaneously
USB Type C Host Port in Notebook for Sleep
provide high current (3 A).
Charging
LCD Monitor/Docking Station and Charging
Device Information(1)
Cradles
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Type C USB Wall Chargers
TPS25810
WQFN (20)
3.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS25810_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
More results

Similar Description - TPS25810_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com