Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733S4BFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M37733S4BFP
Description  16-BIT CMOS MICROCOMPUTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733S4BFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37733S4BFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733S4BFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
MITSUBISHI MICROCOMPUTERS
M37733S4BFP
16-BIT CMOS MICROCOMPUTER
New
product
Parameter
Functions
Number of basic instructions
103
Instruction execution time
160 ns (the fastest instruction at external clock 25 MHz frequency)
Memory size
RAM
2048 bytes
P5 – P8
8-bit ! 4
P4
5-bit ! 1
TA0, TA1, TA2, TA3, TA4
16-bit ! 5
TB0, TB1, TB2
16-bit ! 3
Serial I/O
(UART or clock synchronous serial I/O) ! 3
A-D converter
10-bit ! 1 (8 channels)
Watchdog timer
12-bit ! 1
3 external types, 16 internal types
Each interrupt can be set to the priority level (0 – 7.)
2 circuits built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator)
Supply voltage
5 V ± 10 %
Power dissipation
47.5 mW (at external clock 25 MHz frequency)
Input/Output voltage
5 V
Output current
5 mA
Memory expansion
Maximum 16 Mbytes
Operating temperature range
–20 to 85 °C
Device structure
CMOS high-performance silicon gate process
Package
80-pin plastic molded QFP (80P6N-A)
FUNCTIONS OF M37733S4BFP
Input/Output ports
Multi-function timers
Interrupts
Clock generating circuit
Input/Output characteristic


Similar Part No. - M37733S4BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733S4BFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4LHP RENESAS-M37733S4LHP Datasheet
828Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com