Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD6407 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PSD6407
Description  POSITION SENSITIVE DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSD6407 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PSD6407 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 7Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 8Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 9Page - List of Unclassifed Manufacturers PSD6407 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3
Selection guide
PSD signal processing circuit
l No complicated adjustments required
Position measurements can be made by just connecting to a PSD and power supply (±15 V).
l The position (mm) of a spot light from the PSD center is obtained as an output voltage (V).
(except C3683-01)
l Stable position detection
Accurate position data can be detected independent of incident light intensity.
l Compact size
Head amplifiers, signal addition/subtraction circuits, and analog divider are mounted on a
compact PC board.
Designed specifically for DC light detection.
Designed specifically for pulse (AC) signal detection.
Has a synchronous circuit, S/H (sample & hold) circuit and LED driver circuit.
Use of a pulse-driven LED ensures reliable operation even under background light.
Type No.
PSD type
Dimensional outline
(mm)
C3683-01
1-D PSD
66 × 56 × 15
C4674
Pin-cushion type 2-D PSD
90 × 65 × 15
C4757
Duo-lateral type 2-D PSD
92 × 70 × 15
C4758
Tetra-lateral type 2-D PSD
90 × 65 × 15
Type No.
* Can not be modulated.
PSD type
LED repetition frequency *
(kHz)
Dimensional outline
(mm)
C5923
1-D PSD
3.3
110 × 75 × 15
C7563
Pin-cushion type 2-D PSD
0.33
110 × 75 × 15
Features
DC signal processing circuit
AC signal processing circuit
···············································
···············································


Similar Part No. - PSD6407

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSD60 WALL-PSD60 Datasheet
154Kb / 3P
   60 Watt Dual Output AC/DC Power Supply
PSD60-A WALL-PSD60-A Datasheet
154Kb / 3P
   60 Watt Dual Output AC/DC Power Supply
PSD60-B WALL-PSD60-B Datasheet
154Kb / 3P
   60 Watt Dual Output AC/DC Power Supply
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
   Threshold Detector .1 to 6 GHz
More results

Similar Description - PSD6407

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com