Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC332-24L-X Datasheet(PDF) 1 Page - Picker Components

Part # PC332-24L-X
Description  Subminiature PCB Telecom Relay With Bifurcated Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC332-24L-X Datasheet(HTML) 1 Page - Picker Components

  PC332-24L-X Datasheet HTML 1Page - Picker Components PC332-24L-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC332 Rev C 1/15/20156
1 of 2
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332
FEATURES
 Subminiature Design
 DIL Package for PC Board or Socket
 Contact Capacity from 1 mA to 3 A
 Meets FCC part 68 Voltage Surge
 Class “B” Insulation Standard
 High Sensitivity Coil Option
 Bifurcated Crossbar Contacts
 Sealed Construction
 RoHS Compliant:
CONTACT DATA
Material
AgRu + AU (Silver Ruthenium + Gold Clad)
Initial Contact Resistance
50 milliohms max @ 1 A, 200 mv, 1 KHz
Service Life
Mechanical
3 X 105 Operations
Electrical
1 X 108 Operations
E86876
Contact Form
2 Form C, DPDT ( Crossbar Contacts)
Switching Current Range
1 mA to 2 A
10 mVAC—250 VAC; 10 mVDC—220 VDC
Switching Voltage Range
Max, Continuous Current
3 A
Switching Power Range
10 micro W to 60 W 125 VA
Ul Rated Loads
2 A 30 VDC; 0.6 A 125 VAC
CHARACTERISTIC
Operate Time
Standard
5 ms. Max.
Sensitive H & L
5 ms. Max.
Operate Bounce
Standard
1 ms Typical
Sensitive H & L
0.5 ms Typical
Release Time
Standard
3 ms. Max.
Sensitive H & L
5 ms. Max.
Release Bounce
Standard
2 ms Typical
Sensitive H & L
3 ms Typical
Insulation Resistance 1,000 megohms min, at 500 VDC, 50% RH
Dielectric Strength
1000 VAC, 1 min, Between Open Contacts
1000 VAC, 1 min, Between Coil and Contacts
1000 VAC, 1 min, Between Contacts Poles
ORDERING INFORMATION
Surge Withstand
Voltage
1500 V
1500 V
1500 V
Shock Resistance
Functional 100 m/s2 11 ms
Survival
1000 m/s2 6 ms
Vibration
Resistance
Functional 10 Hz - 55 Hz Double Amplitude 1.5 mm
Survival
10 Hz - 55 Hz Double Amplitude 5 mm
Terminal Strength 5N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Temperature
Range
- 40°C ~ 90°C (-40° F ~ 194° F)
(- 40°C ~ 80°C for 0.3 W Coil
Weight
4.5 gr Approximately
Example:
PC332
-12
L
-X
Model: PC332
Coil Voltage: 5, 6, 9, 12, 24, 48
Contact Material: Nil: AgNi + Au; P: AgPd + Au
Coil Sensitivity: Nil: 0.30 W: L: 0.15 W; H: .0.2 W
RoHS Compliant: -X
Box Quantity: 4000; Inner Box: 1000


Similar Part No. - PC332-24L-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
Motorola, Inc
PC33253DW MOTOROLA-PC33253DW Datasheet
615Kb / 15P
   Full Bridge Pre-Driver
logo
Freescale Semiconductor...
PC33286DW FREESCALE-PC33286DW Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
Picker Components
PC332 PICKER-PC332_17 Datasheet
3Mb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
More results

Similar Description - PC332-24L-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC324S PICKER-PC324S Datasheet
176Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S PICKER-PC323S_14 Datasheet
247Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323 PICKER-PC323 Datasheet
177Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324 Datasheet
176Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332 PICKER-PC332_17 Datasheet
3Mb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323 PICKER-PC323_14 Datasheet
135Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324S PICKER-PC324S_14 Datasheet
246Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S PICKER-PC323S Datasheet
177Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com