Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC375-1A-6S1NIL-X Datasheet(PDF) 1 Page - Picker Components

Part # PC375-1A-6S1NIL-X
Description  Low Profile Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375-1A-6S1NIL-X Datasheet(HTML) 1 Page - Picker Components

  PC375-1A-6S1NIL-X Datasheet HTML 1Page - Picker Components PC375-1A-6S1NIL-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
UL/CUR RATINGS
CHARACTERISTICS
Power Consumption
PC375 Rev F 2-17-15
PAGE 1
ORDERING INFORMATION
Lead Free & RoHS Compliant
Example: PC375
-1C
-12
S
2
H
-X
Model: PC375
Version:
1: 1 Pole, 12 A; 3.5 mm 2: 1 Pole, 12 A; 5 mm .250w,
3: 1 Pole, 16 A; 5 mm 4: Pole, 8 A; 5 mm
RoHS Compliant: -X
Enclosure: S: Sealed; C: Dust Cover
Coil Voltage: 5, 6, 9, 12, 24, 48
Contact Form: 1A, 1C, 2A or 2C
Coil Sensitivity: (Only for 1 Pole 12 Amp) Others: Nil: 440mW
Nil: 400 Mw: H: 250 Mw. Version 2 Only
Version
1
2
3
4
General Purpose
100K Cycles
12A / 250VAC
12A / 30VDC
12A / 250VAC
16A / 250VAC
16A / 30VDC
8A / 277VAC
8A / 30VDC
Resistive
6,000 Cycles
NO: 20A / 277VAC
NC: 16A / 277VAC
NO: 20A / 277VAC
NC: 16A / 277VAC
NO: 20A / 277VAC
NC: 16A / 277VAC
NO: 10A / 277VAC
NC: 8A / 277VAC
Max Switching Power
2 x 150W         
2 x 1800VA
Max Switching:                                            Voltage  440VAC / 125VDC    Current 20A
480W  5600VA


Similar Part No. - PC375-1A-6S1NIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1 PICKER-PC3751A-12C1 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1N PICKER-PC3751A-12C1N Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C1T PICKER-PC3751A-12C1T Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC3751A-12C2 PICKER-PC3751A-12C2 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
More results

Similar Description - PC375-1A-6S1NIL-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378 Datasheet
170Kb / 2P
   Low Profile Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com