Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554ADBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554ADBR
Description  TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554ADBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9554ADBR Datasheet HTML 2Page - Texas Instruments TCA9554ADBR Datasheet HTML 3Page - Texas Instruments TCA9554ADBR Datasheet HTML 4Page - Texas Instruments TCA9554ADBR Datasheet HTML 5Page - Texas Instruments TCA9554ADBR Datasheet HTML 6Page - Texas Instruments TCA9554ADBR Datasheet HTML 7Page - Texas Instruments TCA9554ADBR Datasheet HTML 8Page - Texas Instruments TCA9554ADBR Datasheet HTML 9Page - Texas Instruments TCA9554ADBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TCA9554A
SCPS196D – DECEMBER 2010 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
All P-port I/O at VI = VCC or GND
(6), I
O = 0,
I/O = inputs, fscl = 400 kHz, No load
5.5 V
18
30
tr = 3 ns
5.5 V
34
All P-port I/O at VI = VCC or GND
(6), I
O = 0,
3.6 V
15
I/O = inputs, fscl = 400 kHz, No load
2.7 V
9
tr,max = 300 ns
Operating mode
1.65
5
5.5 V
20
All P-port I/O at VI = VCC or GND
(6), I
O = 0,
3.6 V
8
I/O = inputs, fscl = 100 kHz
2.7 V
5
tr,max = 1 µs
ICC
μA
1.65 V
3
5.5 V
1.9
3.5
3.6 V
1.1
1.8
All P-port I/O at VI = VCC, IO = 0,
I/O = inputs, fscl = 0 kHz, No load
2.7 V
1.0
1.6
1.65 V
0.4
1.0
Standby mode
5.5 V
450
700
3.6 V
300
600
All P-port I/O at VI = GND, IO = 0,
I/O = inputs, fscl = 0 kHz, No load
2.7 V
225
500
1.95 V
225
500
Supply current increase (in standby
One P-port I/O at VI = VCC – 0.6 V,
ΔICC
mode) with one I/O input at specified
1.65 V to 5.5 V
70
µA
Other P-port I/O at VI = VCC or GND
voltage level, rather than GND or VCC
Ci
SCL
VI = VCC or GND
1.65 V to 5.5 V
4
5
pF
SDA
5.5
6.5
Cio
VIO = VCC or GND
1.65 V to 5.5 V
pF
P port
8
9.5
(6)
The current through the integrated pull-up resistor has been subtracted from the ICC operating mode current for VI = GND condition.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA9554A


Similar Part No. - TCA9554ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554ADBR TI1-TCA9554ADBR Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com