Electronic Components Datasheet Search |
|
TCA9554 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TCA9554 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 38 page TCA9554 SCPS233D – MARCH 2012 – REVISED AUGUST 2015 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6 V VI Input voltage range(2) –0.5 6 V VO Output voltage range(2) –0.5 6 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 –20 mA IIOK Input/output clamp current VO < 0 or VO > VCC ±20 mA IOL Continuous output low current through a single P-port VO = 0 to VCC 50 mA Continuous output high current through a single P- IOH VO = 0 to VCC –50 mA port Continuous current through GND by all P-ports, INT, and SDA 250 ICC mA Continuous current through VCC by all P-ports –160 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. 6.2 ESD Ratings VALUE UNIT Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22- ±1000 C101(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with less than 500-V HBM is possible with the necessary precautions. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with less than 250-V CDM is possible with the necessary precautions. 6.3 Recommended Operating Conditions MIN MAX UNIT VCC Supply voltage 1.65 5.5 V SCL, SDA VCC = 1.65 V to 5.5 V 0.7 × VCC VCC (1) VIH High-level input voltage VCC = 1.65 V to 2.7 V 0.7 × VCC 5.5 V A0, A1, A2, P7–P0 VCC = 3.0 V to 5.5 V 0.8 × VCC 5.5 SCL, SDA VCC = 1.65 V to 5.5 V –0.5 0.3 × VCC VIL Low-level input voltage VCC = 1.65 V to 2.7 V –0.5 0.3 × VCC V A0, A1, A2, P7–P0 VCC = 3.0 V to 5.5 V –0.5 0.2 × VCC IOL Low-level output current Any P-port, P7–P0 25 mA IOH High-level output current Any P-port, P7–P0 –10 mA Continuous current through GND All P-ports P7-P0, INT, and SDA 200 ICC mA Continuous current through VCC All P-ports P7-P0 –80 TA Operating free-air temperature –40 85 °C (1) The SCL and SDA pins shall not be at a higher potential than the supply voltage VCC in the application, or an increase in leakage current, II, will result. 4 Submit Documentation Feedback Copyright © 2012–2015, Texas Instruments Incorporated Product Folder Links: TCA9554 |
Similar Part No. - TCA9554 |
|
Similar Description - TCA9554 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |