Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554 Datasheet(PDF) 8 Page - Texas Instruments

Part # TCA9554
Description  TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA9554_15 Datasheet HTML 4Page - Texas Instruments TCA9554_15 Datasheet HTML 5Page - Texas Instruments TCA9554_15 Datasheet HTML 6Page - Texas Instruments TCA9554_15 Datasheet HTML 7Page - Texas Instruments TCA9554_15 Datasheet HTML 8Page - Texas Instruments TCA9554_15 Datasheet HTML 9Page - Texas Instruments TCA9554_15 Datasheet HTML 10Page - Texas Instruments TCA9554_15 Datasheet HTML 11Page - Texas Instruments TCA9554_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
VOL - Output Low Voltage - (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
20
30
40
50
60
70
80
D005
1.8 V
2.5 V
3.3 V
5 V
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
50
100
150
200
250
300
350
400
450
500
D006
VCC = 1.8 V, IOH = 8 mA
VCC = 5 V, IOH = 8 mA
VCC = 1.65 V, IOH = 10 mA
VCC = 5 V, IOH = 10 mA
VCC - Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
D003
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
50
100
150
200
250
D004
VCC = 1.8 V, IOL = 8 mA
VCC = 5 V, IOL = 8 mA
VCC = 1.8 V, IOL = 10 mA
VCC = 5 V, IOL = 10 mA
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
2
4
6
8
10
12
14
16
18
20
22
D001
1.8 V
2.5 V
3.3 V
5 V
TA - Free-Air Temperature (°C)
-40
-15
10
35
60
85
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D002
1.8 V
2.5 V
3.3 V
5 V
TCA9554
SCPS233D – MARCH 2012 – REVISED AUGUST 2015
www.ti.com
6.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
fSCL = 400 kHz
I/Os = High or Low
fSCL = 0 kHz
I/Os = High Inputs
Inputs
Figure 2. Supply Current (ICC, Standby Mode) vs.
Figure 1. Supply Current (ICC, Operating Mode) vs.
Temperature (TA) at Four Supply Voltages
Temperature (TA) at Four Supply Voltages
fSCL = 400 kHz
I/Os = High or Low
TA = 25°C
I/Os = High or Low
Inputs
Inputs
Figure 3. Supply Current (ICC, Operating Mode) vs. Supply
Figure 4. Output Low Voltage (VOL) vs. Temperature (TA) for
Voltage (VCC)
P-Port I/Os
TA = 25°C
Figure 5. Sink Current (IOL) vs. Output Low Voltage (VOL) for
Figure 6. Output High Voltage (VCC - VOH) vs. Temperature
P-Ports at Four Supply Voltages
(TA) for P-Ports
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TCA9554


Similar Part No. - TCA9554_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com