Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC25L-200-2A-6-NIL-D-X Datasheet(PDF) 1 Page - Picker Components

Part # PC25L-200-2A-6-NIL-D-X
Description  200 Amp Latching PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC25L-200-2A-6-NIL-D-X Datasheet(HTML) 1 Page - Picker Components

  PC25L-200-2A-6-NIL-D-X Datasheet HTML 1Page - Picker Components PC25L-200-2A-6-NIL-D-X Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC25L–200 2/08/2016
1 of 2
200 Amp Latching PCB Relay
PC25L-200
CONTACT DATA
Maximum Switching Power
50,000 VA
Maximum Switching Voltage
440 VAC
Maximum Switching Current
200 A
Material
AgSnO2
Contact Resistance
≤ 1.0 mΩ Initial
Operate Time (maximum)
50 msec
Release Time (maximum)
50 msec
Service Life
Mechanical
5 X 106 Operations
Electrical
5 X 103 Operations
FEATURES
 200 Amp Switching Capacity
 Latching Relay 150 ms Pulse Duration
 Ultra–Low Temperature Rise
 Low Contact Resistance
 Strong Anti-Shock and Anti-Vibration Capability
 97.0 x 79.5 x 29.5 mm Package Dimensions
RoHS Compliant
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
≤ 50 ms
Release Time
≤ 50 ms
Insulation Resistance
1,000 MΩ min at 500 VDC
Dielectric Strength
4,000 V 1 min.
Between Coil and Contact
2,000 V 1 min. Between Contacts
Shock Resistance
100 m/s2 (10 g) Functional
1,000 m/s2 (100 g) Destructive
Vibration Resistance
10 - 55 Hz Double Amplitude 1.5 mm
Operating Temperature - 40 to 70°C
Storage Temperature
- 40 to 125
°C
Relative Humidity
98% at 40°C
Weight
500 grams
Power Consumption
Single Coil 12 W; Double Coil 2 X 24.0 W
Example:
PC25L-200
-2A
-12
D
- X
Model: PC25L-200
Contact Form: 2A
Coil Voltage: 9, 12, 24, 48
Enclosure: Nil: Dust Cover
Coil: Nil: Single Coil 12 W: D: Double Coil 2 x 24 W
RoHS Compliant: -X
Box Quantity: 32 ; Inner Box 2
Contact Ratings
Load Type
Voltage
2 Form A
General Purpose
250 VAC
200 A


Similar Part No. - PC25L-200-2A-6-NIL-D-X

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC25012 NIEC-PC25012 Datasheet
204Kb / 3P
   DIODE MODULE 250A/1200,1600V
PC25012 NIEC-PC25012 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
PC25012 NIEC-PC25012_1 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
PC25016 NIEC-PC25016 Datasheet
204Kb / 3P
   DIODE MODULE 250A/1200,1600V
PC25016 NIEC-PC25016 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
More results

Similar Description - PC25L-200-2A-6-NIL-D-X

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
   60 Amp Latching PCB Relay
PC9L-60 PICKER-PC9L-60 Datasheet
1Mb / 3P
   60 Amp Latching PCB Relay
PC10L-80 PICKER-PC10L-80 Datasheet
457Kb / 2P
   80 Amp PCB Latching Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
logo
ZETTLER Electronics
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com