Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISD2532 Datasheet(PDF) 36 Page - Winbond

Part No. ISD2532
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 36 page
background image
ISD2532/40/48/64
12.2. 28-LEAD 600-MIL PLASTIC DUAL INLINE PACKAGE (PDIP)
INCHES
MILLIMETERS
Min
Nom
Max
Min
Nom
Max
A
1.445
1.450
1.455
36.70
36.83
36.96
B1
0.150
3.81
B2
0.065
0.070
0.075
1.65
1.78
1.91
C1
0.600
0.625
15.24
15.88
C2
0.530
0.540
0.550
13.46
13.72
13.97
D
0.19
4.83
D1
0.015
0.38
E
0.125
0.135
3.18
3.43
F
0.015
0.018
0.022
0.38
0.46
0.56
G
0.055
0.060
0.065
1.40
1.52
1.62
H
0.100
2.54
J
0.008
0.010
0.012
0.20
0.25
0.30
S
0.070
0.075
0.080
1.78
1.91
2.03
q
15°
15°
- 36 -




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD1800SINGLE-CHIP SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION 1 2 3 4 5 MoreWinbond
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
ISD33060Single-Chip Voice Record/Playback Devices 60- 75- 90- and 120-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ISD4002Single-Chip Voice Record/Playback Devices 120- 150- 180- and 240-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4003Single-Chip Voice Record/Playback Devices 4- 5- 6- and 8-Minute Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4004Single-Chip Voice Record/Playback Devices 8- 10- 12- and 16-Minute Durations 1 2 3 4 5 MoreWinbond
ISD5008SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4- 5- 6- AND 8- MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISP1161A1Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl