Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISD2532 Datasheet(PDF) 28 Page - Winbond

Part No. ISD2532
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 28 page
background image
ISD2532/40/48/64
10.2.1. Typical Parameter Variation with Voltage and Temperature - Die
-40
25
50
Temperature (C)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
Chart 8: Oscillator Stability
6.5 Volts
5.5 Volts
4.5 Volts
-40
25
50
Temperature (C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
Chart 6: Total Harmonic Distortion
6.5 Volts
5.5 Volts
4.5 Volts
5
10
15
20
25
30
-40
25
50
Temperature (C)
0
Chart 5: Record Mode Operating
Current (I
CC)
6.5 Volts
5.5 Volts
4.5 Volts
-40
25
50
Temperature (C)
0
Chart 7: Standby Current (I
SB)
0.2
0.4
0.6
0.8
1.0
6.5 Volts
5.5 Volts
4.5 Volts
- 28 -




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD1800SINGLE-CHIP SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION 1 2 3 4 5 MoreWinbond
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
ISD33060Single-Chip Voice Record/Playback Devices 60- 75- 90- and 120-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ISD4002Single-Chip Voice Record/Playback Devices 120- 150- 180- and 240-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4003Single-Chip Voice Record/Playback Devices 4- 5- 6- and 8-Minute Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4004Single-Chip Voice Record/Playback Devices 8- 10- 12- and 16-Minute Durations 1 2 3 4 5 MoreWinbond
ISD5008SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4- 5- 6- AND 8- MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISP1161A1Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl