Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISD2532 Datasheet(PDF) 7 Page - Winbond

Part No. ISD2532
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

 7 page
background image
ISD2532/40/48/64
PIN NO.
PIN NAME
SOIC/
PDIP
TSOP
FUNCTION
VCCA, VCCD
16, 28
23, 7
Supply Voltage: To minimize noise, the analog and digital circuits
in the ISD2500 series devices use separate power busses. These
voltage busses are brought out to separate pins and should be tied
together as close to the supply as possible. In addition, these
supplies should be decoupled as close to the package as possible.
MIC
17
24
Microphone: The microphone pin transfers input signal to the on-
chip preamplifier. A built-in Automatic Gain Control (AGC) circuit
controls the gain of this preamplifier from –15 to 24dB. An external
microphone should be AC coupled to this pin via a series capacitor.
The capacitor value, together with the internal 10 KΩ resistance on
this pin, determines the low-frequency cutoff for the ISD2500 series
passband. See Winbond’s Application Information for additional
information on low-frequency cutoff calculation.
MIC REF
18
25
Microphone Reference: The MIC REF input is the inverting input
to the microphone preamplifier. This provides a noise-canceling or
common-mode rejection input to the device when connected to a
differential microphone.
AGC
19
26
Automatic Gain Control: The AGC dynamically adjusts the gain of
the preamplifier to compensate for the wide range of microphone
input levels. The AGC allows the full range of whispers to loud
sounds to be recorded with minimal distortion. The “attack” time is
determined by the time constant of a 5 KΩ internal resistance and
an external capacitor (C2 on the schematic of Figure 5 in section
11) connected from the AGC pin to VSSA analog ground. The
“release” time is determined by the time constant of an external
resistor (R2) and an external capacitor (C2) connected in parallel
between the AGC pin and VSSA analog ground. Nominal values of
470 KΩ and 4.7 µF give satisfactory results in most cases.
ANA IN
20
27
Analog Input: The analog input transfers analog signal to the chip
for recording. For microphone inputs, the ANA OUT pin should be
connected via an external capacitor to the ANA IN pin. This
capacitor value, together with the 3.0 KΩ input impedance of ANA
IN, is selected to give additional cutoff at the low-frequency end of
the voice passband. If the desired input is derived from a source
other than a microphone, the signal can be fed, capacitively
coupled, into the ANA IN pin directly.
Publication Release Date: June 2003
- 7 -
Revision 1.0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD1800SINGLE-CHIP SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION 1 2 3 4 5 MoreWinbond
ISD5116Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability 1 2 3 4 5 MoreWinbond
ISD33060Single-Chip Voice Record/Playback Devices 60- 75- 90- and 120-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
ISD4002Single-Chip Voice Record/Playback Devices 120- 150- 180- and 240-Second Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4003Single-Chip Voice Record/Playback Devices 4- 5- 6- and 8-Minute Durations 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISD4004Single-Chip Voice Record/Playback Devices 8- 10- 12- and 16-Minute Durations 1 2 3 4 5 MoreWinbond
ISD5008SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4- 5- 6- AND 8- MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISP1161A1Universal Serial Bus single-chip host and device controller 1 2 3 4 5 MoreNXP Semiconductors
ISD5100SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY 1 2 3 4 5 MoreWinbond

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl