Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI2512D-12RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MI2512D-12RW
Description  Compact, 25W, 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2512D-12RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MI2512D-12RW Datasheet HTML 1Page - MicroPower Direct, LLC MI2512D-12RW Datasheet HTML 2Page - MicroPower Direct, LLC MI2512D-12RW Datasheet HTML 3Page - MicroPower Direct, LLC MI2512D-12RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
25W Output Power
2:1 Input Voltage Range
Compact 1 x 1 Inch Case
1,500 VDC Isolation
18 Standard Models
Efficiency to 90%
Wide Temp Operation
Industry Standard Pin-Out
MI2500RW
Compact, 1 x 1 Inch
25W, 2:1 Input Range
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
9.0
VDC
24 VDC Input
18.0
48 VDC Input
36.0
Input Filter
LC Filter
Start-Up Time
See Note 1
30
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±2.0
%
Line Regulation
VIN = Min to Max
±0.2
%
Load Regulation, Min Load to Full Load
Single Output
±0.2
%
Dual Output
±1.0
Cross Regulation, Dual Outputs
Asymmetrical Load 25%/100%
±5.0
%
Ripple & Noise, See Note 2
3.3 & 5.0 Vout Models
100
mV P - P
12, 15 & Dual Output Models
150
Transient Recovery Time, See Note 3
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Output Power Protection
150
%
Output Short Circuit, See Note 4
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds 1,500
VDC
Isolation Resistance
500 VDC 1,000
M
Isolation Capacitance
100 kHz, 1V
2,000
pF
Switching Frequency
285
kHz
Environmental
Parameter
Conditions
Min.
Max
Max.
Units
No Hsink
Heatsink
Operating Temperature Range,
Ambient Without Heatsink
MI2524S-03RW, MI2548S-03RW
-40
+57
+65
°C
MI2524S-05RW, MI2524S-12RW
+56
+64
MI2524S-15RW, MI2548S-05RW
MI2548S-12RW, MI2548S-15RW
MI2512S-03RW
+53
+61
MI2512S-05RW, MI2512S-12RW, MI2512S-15RW
+50
+59
MI2512D-12RW, MI2512D-15RW
MI2524D-12RW, MI2524D-15RW
MI2548D-12RW, MI2448D-15RW
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagrams (Page 4)
Case Material
Metal with Non-Conductive Base
Weight
0.58 Oz (16.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
313
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MI2512D-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2512D-12RW(-H) MPD-MI2512D-12RW(-H) Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI2512D-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com