Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI2512S-12RW Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MI2512S-12RW
Description  Compact, 25W, 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2512S-12RW Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MI2512S-12RW Datasheet HTML 1Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 2Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 3Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Heatsink is black, anodized aluminum
Mechanical Dimensions
Mechanical Dimensions: With Optional Heatsink
Pin
Single
Pin
Dual
1+VIN
1+VIN
2-VIN
2-VIN
3+VOUT
3+VOUT
4
Trim
4
Common
5-VOUT
5-VOUT
6
Remote On/Off
6
Remote On/Off
Pin Connections
For the heatsink option, add suffix “H” to the
model number (i.e. MI2524S-12RW-H)
Parameter
Min
Typ
Max
Units
Supply On
3.5
12.0
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
3.0
mA
Control Common
Referenced to Negative Input (pin 2)
Control Input Current (ON)
0.5
mA
Control Input Current (OFF)
-0.5
mA
Remote On/Off
Applying a signal to pin 3 will turn the unit ON/OFF. If the
pin is left open, the unit operates. If grounded, the unit will
shut off. The specifications for the ON/OFF function are
given in the table at left.


Similar Part No. - MI2512S-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2512S-12RW(-H) MPD-MI2512S-12RW(-H) Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI2512S-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com