Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI2512S-12RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MI2512S-12RW
Description  Compact, 25W, 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2512S-12RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MI2512S-12RW Datasheet HTML 1Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 2Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 3Page - MicroPower Direct, LLC MI2512S-12RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Start up time is measured at nominal input and with a constant resistive load.
2. When measuring output ripple, it is recommended that an external 1 µF capacitor and 10 µF capacitor be connected in parallel from the +VOUT to the -VOUT pin for single output unis; or from each
output to common for dual output units..
3. Transient recovery is measured to within a 1% error band for a load step change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. Operation at no-load will not damage these units.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
An external resister may be added to adjust the converter output
on single output units.
To adjust the output UP, connect a 5%, 3W resistor between
the minus output pin (5) and the Vout trim pin (6). To adjust
the output DOWN, connect a 5%, 3W resistor between the plus
output pin (4) and the Vout trim pin (6).
The trim table at right gives suggested resistor values for
this adjustment.
External Trim
For heatsink option, add suffix “H” to model number (i.e. MI2512S-05RW-H)
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MI2512S-03RW
12
9.0 - 18.0
1,900
75
3.3
6,000
0.0
87
3.9
10,300
5,000
MI2512S-05RW
12
9.0 - 18.0
2,340
85
5.0
5,000
0.0
89
6.2
6,800
5,000
MI2512S-12RW
12
9.0 - 18.0
2,350
80
12.0
2,090
0.0
89
15.0
1,200
5,000
MI2512S-15RW
12
9.0 - 18.0
2,350
80
15.0
1,670
0.0
89
18.0
750
5,000
MI2512D-12RW
12
9.0 - 18.0
2,340
75
±12.0
±1,040
0.0
89
±15.0
±680
5,000
MI2512D-15RW
12
9.0 - 18.0
2,360
75
±15.0
±840
0.0
89
±18.0
±380
5,000
MI2524S-03RW
24
18.0 - 36.0
940
55
3.3
6,000
0.0
88
3.9
10,300
2,500
MI2524S-05RW
24
18.0 - 36.0
1,160
60
5.0
5,000
0.0
90
6.2
6,800
2,500
MI2524S-12RW
24
18.0 - 36.0
1,160
55
12.0
2,090
0.0
90
15.0
1,200
2,500
MI2524S-15RW
24
18.0 - 36.0
1,160
55
15.0
1,670
0.0
90
18.0
750
2,500
MI2524D-12RW
24
18.0 - 36.0
1,170
50
±12.0
±1,040
0.0
89
±15.0
±680
2,500
MI2524D-15RW
24
18.0 - 36.0
1,180
50
±15.0
±840
0.0
89
±18.0
±380
2,500
MI2548S-03RW
48
36.0 - 75.0
470
35
3.3
6,000
0.0
88
3.9
10,300
1,250
MI2548S-05RW
48
36.0 - 75.0
580
40
5.0
5,000
0.0
90
6.2
6,800
1,250
MI2548S-12RW
48
36.0 - 75.0
580
35
12.0
2,090
0.0
90
15.0
1,200
1,250
MI2548S-15RW
48
36.0 - 75.0
580
35
15.0
1,670
0.0
90
18.0
750
1,250
MI2548D-12RW
48
36.0 - 75.0
585
40
±12.0
±1,040
0.0
89
±15.0
±680
1,250
MI2548D-15RW
48
36.0 - 75.0
590
40
±15.0
±840
0.0
89
±18.0
±380
1,250
MI25xxS-03RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
k
MI25xxS-05RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
k
MI25xxS-12RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
351.00
157.50
93.00
60.75
41.40
28.50
19.29
12.37
7.00
2.70
k
MB25xxS-15RW
Trim Down
Vout
VO x 0.99 VO x 0.98 VO x 0.97 VO x 0.96 VO x 0.95 VO x 0.94 VO x 0.93 VO x 0.92 VO x 0.91 VO x 0.90
Volts
RDOWN
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
k
Trim Up
Vout
VO x 1.01 VO x 1.02 VO x 1.03 VO x 1.04 VO x 1.05 VO x 1.06 VO x 1.07 VO x 1.08 VO x 1.09 VO x 1.10
Volts
RUP
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
k


Similar Part No. - MI2512S-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2512S-12RW(-H) MPD-MI2512S-12RW(-H) Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI2512S-12RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com