Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100304 Datasheet(PDF) 1 Page - Texas Instruments

Part # 100304
Description  Low Power Quint AND/NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

100304 Datasheet(HTML) 1 Page - Texas Instruments

  100304 Datasheet HTML 1Page - Texas Instruments 100304 Datasheet HTML 2Page - Texas Instruments 100304 Datasheet HTML 3Page - Texas Instruments 100304 Datasheet HTML 4Page - Texas Instruments 100304 Datasheet HTML 5Page - Texas Instruments 100304 Datasheet HTML 6Page - Texas Instruments 100304 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OBSOLETE
100304
www.ti.com
SNOS120B – AUGUST 1998 – REVISED APRIL 2013
100304 Low Power Quint AND/NAND Gate
Check for Samples: 100304
1
FEATURES
DESCRIPTION
The 100304 is monolithic quint AND/NAND gate. The
2
Low Power Operation
Function output is the wire-NOR of all five AND gate
2000V ESD Protection
outputs. All inputs have 50 k
Ω pull-down resistors.
Pin/Function Compatible with 100104
Voltage Compensated Operating Range =
−4.2V to −5.7V
Available to Industrial Grade Temperature
Range
Available to Standard Microcircuit Drawing
(SMD) 5962-9153701
Logic Symbol
Logic Equation
F = (D1a • D2a) + (D1b • D2b) + D1c • D2c) + (D1d • D2d) + (D1e • D2e).
(1)
Table 1. Pin Descriptions
Pin Names
Description
Dna–Dne
Data Inputs
F
Function Output
Oa–Oe
Data Outputs
Oa–Oe
Complementary Data Outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 100304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
   Low Power Quint AND/NAND Gate
logo
Turck, Inc.
1003040 TURCK-1003040 Datasheet
178Kb / 4P
   Inductive Sensor
11/07/2023
logo
ERNI Electronics
100304020001 ERNI-100304020001 Datasheet
76Kb / 1P
   M 1.27 SRC P, 8 -polig KS
100304120001 ERNI-100304120001 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
More results

Similar Description - 100304

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
   LOW POWER QUINT AND / NAND GATE
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
   Low Power Quint AND/NAND Gate
logo
National Semiconductor ...
100304 NSC-100304 Datasheet
109Kb / 8P
   Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com