Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHI2048D-15BRWI8 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MHI2048D-15BRWI8
Description  Compact, 20W Ultra-High Isolation DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI2048D-15BRWI8 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MHI2048D-15BRWI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI2048D-15BRWI8 Datasheet HTML 2Page - MicroPower Direct, LLC MHI2048D-15BRWI8 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1+VIN
2-VIN
4+VOUT
5
No Pin
6-VOUT
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1+VIN
2-VIN
4+VOUT
5
Common
6-VOUT
MHI2012S-12BRWI8, MHI2024S-12BRWI8,
MHI2048S-12BRWI8, MHI2048D-12BRWI8
Derating Curves, Cont.
MHI2048S-05BRWI8, MHI2048S-05.1BRWI8
MHI2024S-05RWI8, MHI2024S-05.1BRWI8
MHI2012S-05BRWI8, MHI2012S-05.1BRWI8


Similar Part No. - MHI2048D-15BRWI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com