Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI2524S-12RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MI2524S-12RU
Description  Compact, 25W, 4:1 Input Range DC/DC Con vert ers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2524S-12RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MI2524S-12RU Datasheet HTML 1Page - MicroPower Direct, LLC MI2524S-12RU Datasheet HTML 2Page - MicroPower Direct, LLC MI2524S-12RU Datasheet HTML 3Page - MicroPower Direct, LLC MI2524S-12RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
25W Output Power
4:1 Input Voltage Range
Compact 1 x 1 Inch Case
1,500 VDC Isolation
12 Standard Models
Efficiency to 90%
Wide Temp Operation
Industry Standard Pin-Out
MI2500RU
Compact, 1 x 1 Inch
25W, 4:1 Input Range
DC/DC Converters
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
9.0
VDC
48 VDC Input
18.0
Input Filter
LC Filter
Start-Up Time
See Note 1
30
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±2.0
%
Line Regulation
VIN = Min to Max
±0.2
%
Load Regulation, Min Load to Full Load
Single Output
±0.2
%
Dual Output
±1.0
Cross Regulation, Dual Outputs
Asymmetrical Load 25%/100%
±5.0
%
Ripple & Noise, See Note 2
3.3 & 5.0 Vout Models
100
mV P - P
12, 15 & Dual Output Models
150
Transient Recovery Time, See Note 3
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.02
%/°C
Output Power Protection
150
%
Output Short Circuit, See Note 4
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds 1,500
VDC
Isolation Resistance
500 VDC 1,000
M
Isolation Capacitance
100 kHz, 1V
2,000
pF
Switching Frequency
285
kHz
Environmental
Parameter
Conditions
Min.
Max
Max.
Units
No Hsink
Heatsink
Operating Temperature Range,
Ambient Without Heatsink
MI2548S-03RU
-40
+57
+65
°C
MI2524S-15RU, MI2548S-05RU
+56
+64
MI2548S-12RU, MI2548S-15RU
MI2524S-03RU
+53
+61
MI2524S-05RU, MI2524S-12RU
+50
+59
MI2524D-12RU, MI2524D-15RU
MI2548D-12RU, MI2448D-15RU
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagrams (Page 4)
Case Material
Metal with Non-Conductive Base
Weight
0.58 Oz (16.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
315
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - MI2524S-12RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2524S-12RU(-H) MPD-MI2524S-12RU(-H) Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
More results

Similar Description - MI2524S-12RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MC2500XRW MPD-MC2500XRW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
   4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
   4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1000RU MPD-MA1000RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com