Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHI312S-15ARI6 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MHI312S-15ARI6
Description  Compact, 3W DIP Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI312S-15ARI6 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MHI312S-15ARI6 Datasheet HTML 1Page - MicroPower Direct, LLC MHI312S-15ARI6 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1+VIN
2+VIN
10
No Pin
11
No Pin
12
-VOUT
13
+VOUT
15
No Pin
23
-VIN
24
-VIN
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1+VIN
2+VIN
10
Common
11
Common
12
No Pin
13
-VOUT
15
+VOUT
23
-VIN
24
-VIN
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MHI305S-05ARI6
5
4.5 - 5.5
1,017
130
5.0
600
90.0
59
470
2,000
MHI305S-12ARI6
5
4.5 - 5.5
984
130
12.0
250
37.5
61
470
2,000
MHI305S-15ARI6
5
4.5 - 5.5
960
130
15.0
200
18.8
62
470
2,000
MHI305D-12ARI6
5
4.5 - 5.5
1,000
130
±12.0
±125
±18.8
60
220
1,200
MHI305D-15ARI6
5
4.5 - 5.5
1,000
130
±15.0
±100
±15.0
60
220
1,200
MHI312S-05ARI6
12
10.8 - 13.2
424
60
5.0
600
90.0
59
470
1,000
MHI312S-12ARI6
12
10.8 - 13.2
410
60
12.0
250
37.5
61
470
1,000
MHI312S-15ARI6
12
10.8 - 13.2
400
60
15.0
200
18.8
62
470
1,000
MHI312D-12ARI6
12
10.8 - 13.2
420
60
±12.0
±125
±18.8
60
220
1,000
MHI312D-15ARI6
12
10.8 - 13.2
420
60
±15.0
±100
±15.0
60
220
750
MHI324S-05ARI6
24
21.6 - 26.4
212
40
5.0
600
90.0
59
470
400
MHI324S-12ARI6
24
21.6 - 26.4
198
40
12.0
250
37.5
63
470
400
MHI324S-15ARI6
24
21.6 - 26.4
195
40
15.0
200
18.8
64
470
400
MHI324D-12ARI6
24
21.6 - 26.4
210
40
±12.0
±125
±18.8
60
220
400
MHI324D-15ARI6
24
21.6 - 26.4
210
40
±15.0
±100
±15.0
60
220
400
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured over a range of 10% IOUT to 100% IOUT.
3. When measuring output ripple & noise, it is recommended that an external capacitor (3.3 µF typ.) be placed from
the +VOUT to the -VOUT pins for single output units and from each output to common for dual output models.
4. The converter should be connected to a low ac-impedance source. A source with a highly inductive impedance
may affect the stability of the converter. In applications where the converter output loading is high and input power
is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is
recommended that a low ESR (<1.0
at 100 kHz) capacitor be mounted close to the converter. For 5V input units
a 4.7 µF is recommended; for 12V input units, a 2.2 µF; and for 24V units a 2.2 µF.
5. Operation at no-load will not damage the unit, but they may not meet all specifications.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection tables
for the correct rating.
Derating Curve
IGBT Applications
Notes:
The MHI300x-xxAR series is a good
choice for applications involving high
speed switching, such as driving IGBTs.
They are designed to withstand the
extra stress caused by the high voltage
switching transients present in IGBT
drive circuits.
All of the MHIxxx series have isolation
levels that range from 5.2 to 8 kV. Many
of these have reinforced insulation. The
high isolation levels (and the correspond-
ingly low capacitive coupling rates) allow
them to be safely used in applications
with highly dynamic switched AC or DC.


Similar Part No. - MHI312S-15ARI6

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI312S-12ARWI8 MPD-MHI312S-12ARWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
More results

Similar Description - MHI312S-15ARI6

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI300ARWI8 MPD-MHI300ARWI8 Datasheet
666Kb / 3P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI300ARUI8 MPD-MHI300ARUI8 Datasheet
524Kb / 2P
   Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
   3W, Ultra-Wide Input High Isolation DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
   Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
Minmax Technology Co., ...
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Delta Electronics, Inc.
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com