Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHI205S-05GRI8 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MHI205S-05GRI8
Description  Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MHI205S-05GRI8 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MHI205S-05GRI8 Datasheet HTML 1Page - MicroPower Direct, LLC MHI205S-05GRI8 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Pin
Single Output
1-VIN
7
No Connection
8
No Connection
9+VOUT
10
-VOUT
16
+VIN
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Dual Output
1-VIN
7
No Connection
8
Common
9+VOUT
10
-VOUT
16
+VIN
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Load
Regulation
(%, Max)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MHI205S-05GRI8
5
4.5 - 5.5
615
60
5.0
400
8.0
65
±12.0
330
1,200
MHI205S-12GRI8
5
4.5 - 5.5
609
60
12.0
165
3.0
65
±10.0
330
1,200
MHI205S-15GRI8
5
4.5 - 5.5
605
60
15.0
133
2.5
66
±10.0
330
1,200
MHI205D-12GRI8
5
4.5 - 5.5
553
60
±12.0
±83
±1.5
72
±10.0
100
1,200
MHI205D-15GRI8
5
4.5 - 5.5
542
60
±15.0
±66
±1.0
73
±10.0
100
1,200
MHI212S-05GRI8
12
10.8 - 13.2
256
30
5.0
400
8.0
65
±12.0
330
600
MHI212S-12GRI8
12
10.8 - 13.2
254
30
12.0
165
3.0
65
±10.0
330
600
MHI212S-15GRI8
12
10.8 - 13.2
252
30
15.0
133
2.5
66
±10.0
330
600
MHI212D-12GRI8
12
10.8 - 13.2
224
30
±12.0
±83
±1.5
74
±10.0
100
600
MHI212D-15GRI8
12
10.8 - 13.2
220
30
±15.0
±66
±1.0
75
±10.0
100
600
MHI224S-05GRI8
24
21.6 - 26.4
128
15
5.0
400
8.0
65
±12.0
330
250
MHI224S-12GRI8
24
21.6 - 26.4
127
15
12.0
165
3.0
65
±10.0
330
250
MHI224S-15GRI8
24
21.6 - 26.4
126
15
15.0
133
2.5
66
±10.0
330
250
MHI224D-12GRI8
24
21.6 - 26.4
112
15
±12.0
±83
±1.5
74
±10.0
100
250
MHI224D-15GRI8
24
21.6 - 26.4
110
15
±15.0
±66
±1.0
75
±10.0
100
250
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured over a range of 20% IOUT to 100% IOUT.
3. When measuring output ripple & noise, it is recommended that an external capacitor (3.3 µF typ.) be placed from
the +VOUT to the -VOUT pins for single output units and from each output to common for dual output models.
4. The converter should be connected to a low ac-impedance source. A source with a highly inductive imped-
ance may affect the stability of the converter. In applications where the converter output loading is high and
input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (<1.0
at 100 kHz) capacitor be mounted close to the con-
verter. For 5V input units a 2.2 µF is recommended; for 12V input units, a 1.0 µF; and for 24V units a 0.47 µF.
5. Operation at no-load will not damage the unit, but they may not meet all specifications.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection
tables for the correct rating.
Derating Curve
IGBT Applications
Notes:
The MHI200x-xxD series is a good
choice for applications involving high
speed switching, such as driving IGBTs.
They are designed to withstand the
extra stress caused by the high voltage
switching transients present in IGBT
drive circuits.
All of the MHIxxx series have isolation
levels that range from 5.2 to 8 kV. Many
of these have reinforced insulation. The
high isolation levels (and the correspond-
ingly low capacitive coupling rates) allow
them to be safely used in applications
with highly dynamic switched AC or DC.


Similar Part No. - MHI205S-05GRI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI205S-05DI5.7 MPD-MHI205S-05DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
MHI205S-05LRI8 MPD-MHI205S-05LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
More results

Similar Description - MHI205S-05GRI8

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
   2W, High Isolation Ultra-Miniature SMT DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com