Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD624S-03RWI Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MD624S-03RWI
Description  2:1 Input, SIP, High Isolation, 6W DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD624S-03RWI Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MD624S-03RWI Datasheet HTML 1Page - MicroPower Direct, LLC MD624S-03RWI Datasheet HTML 2Page - MicroPower Direct, LLC MD624S-03RWI Datasheet HTML 3Page - MicroPower Direct, LLC MD624S-03RWI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
For applications that require meeting EMC standards,the diagram above
illustrates a typical connection of the MD600xRWI series. The units
do not require external components to operate as specified.Some notes
on this diagram (starting with the input circuit) are:
1. An external fuse should be used in all power module applications.
The recommended fuse is shown in the model chart on page 2.
2. To protect against a surge, an external MOV is recommended on the
input. For a suggested value, contact the factory.
3. To protect against voltage spikes, it is recommended that a TVS be
used on the input. For a suggested value, contact the factory.
4. The filtering components shown are needed to meet the conducted
emissions requirements for EN 55022 ClassA.All components should
be mounted as close to the converter as possible.
Typical Board Layout: With External Filter Components for Single Output Unit
5. Recommended values for components are:
Component
5 VIN
12 VIN
24 VIN
48 VIN
C1
220 µF/25V
C2
22 µF/25V
10 µF/50V
10 µF/50V
2.2 µF/100V
LDM1
10 µH
10 µH
10 µH
15 µH
C3
22 µF/25V
10 µF/50V
10 µF/50V
2.2 µF/100V
C4
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
C5
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
C6
10 µF - 22 µF
6. To meet the requirements of EN 61000-4-4 and EN 61000-4-5,an external input capacitor
is required for all models.The suggested value is 330 µF/100V. Contact the factory
for more information
7. The output filtering capacitor (C6) is a high frequency, low
resistance electrolytic capacitor. Care must be taken in
choosing this capacitor not to exceed the capacitive load
specification for the unit. Voltage derating of capacitors
should be 80% or above
8. The drawings below show typical board layouts for the EMI
circuit shown above (one for single output models and one
for dual output units).
9. In many applications simply adding input/output
capacitors will enhance the input surge protection
and reduce output ripple sufficiently. The value of
the input capacitor can range from 220 µF to 330 µF,
depending on the needs of the application. The output
capacitor would typically be 10 µF.
Typical Board Layout: With External Filter Components for Dual Output Unit


Similar Part No. - MD624S-03RWI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD624S-03RWI MPD-MD624S-03RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
More results

Similar Description - MD624S-03RWI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD600XRWI MPD-MD600XRWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
   2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
logo
Tumbler Technologies + ...
TSAA-1S053.3 TRUMPOWER-TSAA-1S053.3 Datasheet
26Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 8-pin SIP, 1-2 Watts
logo
Toppower Electronic Tec...
TP06AZ TOPPOWER-TP06AZ Datasheet
288Kb / 3P
   6W 3KV Isolation Wide Input AC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
   6W 4KV Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com