Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5928-201-2S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5928-201-2S
Description  RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5928-201-2S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5928-201-2S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5928-201-2S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5928-201-2S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5928-201-2S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5928-201-2S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5928-201-2S Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SCD5928 Rev D 3/4/14
Aeroflex Plainview
RHD5928 SWITCHING DIAGRAMS
VIH
50%
VIN(HIGH)
50%
VIN(LOW)
tOFFEN
tONEN
VIL
VIN(CH A0-3)
VIN(CH A0-3)
50%
50%
VIH
VIL
50%
VIN(CH A0-3’)
VIN(CH A0-3’)
VIH
Address Lines
tAHL
50%
(A0 - A3)
Address Lines
(A0 - A3)
tALH
VIL
HI-Z
HI-Z
SELECTED
CHANNEL
Output
VOUT
Output
VOUT
Output
VOUT
Enable Line
EN
NOTE: f = 10KHz, Duty cycle = 50%.


Similar Part No. - RHD5928-201-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-1S AEROFLEX-RHD5921-201-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-2S AEROFLEX-RHD5921-201-2S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-7 AEROFLEX-RHD5921-7 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-901-1S AEROFLEX-RHD5921-901-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
More results

Similar Description - RHD5928-201-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
   RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
RHD8540 AEROFLEX-RHD8540 Datasheet
357Kb / 8P
   RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
   RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com