Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHD5922-S Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # RHD5922-S
Description  RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5922-S Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  RHD5922-S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5922-S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5922-S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5922-S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5922-S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5922-S Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SCD5922 Rev B Preliminary 3/8/11
6
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
www .aero f lex.co m
in fo-a ms@ aeroflex . com
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
EXPORT CONTROL:
EXPORT WARNING:
This product is controlled for export under the International Traffic in
Arms Regulations (ITAR). A license from the U.S. Department of
State is required prior to the export of this product from the United
States.
Aeroflex’s military and space products are controlled for export under
the International Traffic in Arms Regulations (ITAR) and may not be
sold or proposed or offered for sale to certain countries. (See ITAR
126.1 for complete information.)
ORDERING INFORMATION
Model
DSCC SMD #
Screening
Package
RHD5922-7
-
Commercial Flow, +25°C testing only
24-pin SOIC
RHD5922-S
-
Military Temperature, -55°C to +125°C
Screened in accordance with the individual Test Methods
of MIL-STD-883 for Space Applications
RHD5922-201-1S
5962-1024303KXC
DSCC SMD Pending
RHD5922-201-2S
5962-1024303KXA
RHD5922-901-1S
5962H1024303KXC
DSCC SMD and Radiation Certification Pending
RHD5922-901-2S
5962H1024303KXA
Note: Package and lid are electrically
isolated from signal pads.
PACKAGE OUTLINE


Similar Part No. - RHD5922-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-1S AEROFLEX-RHD5921-201-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-2S AEROFLEX-RHD5921-201-2S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-7 AEROFLEX-RHD5921-7 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-901-1S AEROFLEX-RHD5921-901-1S Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
More results

Similar Description - RHD5922-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
logo
Aeroflex Circuit Techno...
RHD8540 AEROFLEX-RHD8540 Datasheet
357Kb / 8P
   RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
logo
New Japan Radio
NJU7304 NJRC-NJU7304 Datasheet
165Kb / 5P
   8-CHANNEL MULTIPLEXER WITH SAMPLE AND HOLD
logo
Aeroflex Circuit Techno...
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
logo
Analog Devices
AD362 AD-AD362 Datasheet
3Mb / 8P
   PrecisionSample-and-Hold with 16-Channel Multiplexer
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Aeroflex Circuit Techno...
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
   RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com