Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD624S-15RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MD624S-15RW
Description  2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD624S-15RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MD624S-15RW Datasheet HTML 1Page - MicroPower Direct, LLC MD624S-15RW Datasheet HTML 2Page - MicroPower Direct, LLC MD624S-15RW Datasheet HTML 3Page - MicroPower Direct, LLC MD624S-15RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
6W Output Power
Miniature SIP Case
2:1 Input Voltage Range
1,500 VDC Isolation
36 Standard Models
Short Circuit Protected
-40°C to +65°C Operation
Single & Dual Outputs
Industry Standard Pin-Out
MD600xRW
2:1 Input, 6W SIP,
Single & Dual Output
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
9.0
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Input Reflected Ripple Current
30
mA P - P
Start Up Time
See Note 1
30
mS
Input Filter
Capacitor Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.2
%
Load Regulation
IOUT = 0% to 100%
±1.0
%
Cross Regulation
See Note 2
±5.0
%
Ripple & Noise (20 MHz)
See Note 3
75
mV P - P
Transient Recovery Time
See Note 4
0.5
mSec
Transient Response Deviation
±3.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
1.0
G
Isolation Capacitance
50
pF
Switching Frequency
100
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
EN 55022
Class A
Conducted Emissions
See Note 4 Pg 3
EN 55022
Class A
ESD
EN 61000-4-2
Criteria A; ±8 kV Air
Criteria A; ±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 6 Pg 3
EN 61000-4-4
Criteria A; ±2 kV
Surge
See Note 6 Pg 3
EN 61000-4-5
Criteria A; ±1 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 1A/m
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+65
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 4)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.166 Oz (4.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
770
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
15.0
VDC
12 VDC Input
25.0
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MD624S-15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD624S-15RWI MPD-MD624S-15RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Converters
MD624S-15RWI MPD-MD624S-15RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
More results

Similar Description - MD624S-15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD605S-03RWI MPD-MD605S-03RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Converters
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
   Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
   2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com