Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5035-201-1S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # PCS5035-201-1S
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-201-1S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  PCS5035-201-1S Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-201-1S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
FIGURE 3 – Typical Temperature Sensing Application
VIN_1
VOUT_1
I = 80µA
VOUT_2
VOUT_3
VOUT_4
VOUT_5
+5V
10K
10K
VIN_2
VIN_4
VIN_5
IOUT_5
+
-
+
-
VIN_3
IOUT_1
Temp
T1
Temp
T5
1
5
+2V
CL
CL
T1
V_OUT1
t
T5
V_OUT5
t
One primary application for the Aeroflex PCS5035, as shown in Figure 3 below, would be to monitor the
temperature of different electronic bay areas in a Satellite, and report when any bay area has exceeded a
maximum temperature limit.
Thermistors with defined temperature characteristics are used as the sensors, and by providing a constant
stable current to the external Thermistor (Temp T1 to Temp T5), an accurate analog voltage of a specified
temperature trip point can be established. The comparator voltage reference input can be tailored to set the
trip point for the characteristic of the particular thermistor sensor used. The on-board precision 2V reference
can be used directly for voltages of 2 volts or less, or can be scaled with an external operational amplifier to
provide a voltage between 2 volts and the maximum input of 3.1V. Various temperature trip points could be
accomplished by using thermistors with different temperature characteristics.


Similar Part No. - PCS5035-201-1S

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS52 PICKER-PCS52 Datasheet
1Mb / 3P
   DC OutPut Compact Solid State Relay
PCS53 PICKER-PCS53 Datasheet
1Mb / 3P
   DC Input Compact Solid State Relay
PCS55 PICKER-PCS55 Datasheet
615Kb / 3P
   AC Output Solid State Relay/Output Module
logo
Allied Components Inter...
PCS5D18 ALLIED-PCS5D18 Datasheet
363Kb / 1P
   Power Chip Shielded Inductors
PCS5D18-100T-RC ALLIED-PCS5D18-100T-RC Datasheet
360Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS5035-201-1S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
   1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
logo
Renesas Technology Corp
ISL70591SEH RENESAS-ISL70591SEH Datasheet
790Kb / 23P
   Radiation Hardened 100μA and 1mA Precision Current Sources
Aug 30, 2018
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
   Precision Quad Comparators
September 1998
HA-4900 INTERSIL-HA-4900_05 Datasheet
235Kb / 8P
   Precision Quad Comparators
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
   Precision Quad Comparators
logo
NEC
UPC271C NEC-UPC271C Datasheet
115Kb / 2P
   Precision Voltage Comparators
UPC311 NEC-UPC311 Datasheet
358Kb / 10P
   PRECISION VOLTAGE COMPARATORS
logo
Intersil Corporation
HA1-4900-2 INTERSIL-HA1-4900-2 Datasheet
232Kb / 10P
   Precision Quad Comparators
June 28, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com