Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS87972DYI Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS87972DYI
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972DYI Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS87972DYI Datasheet HTML 3Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 4Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 9Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 10Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
7
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
Ps
n
i
p
r
e
w
o
p
ll
A5
1
2A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
2A
m
.
s
n
o
i
t
a
r
u
g
i
f
n
o
c
e
m
o
s
n
i
d
e
r
i
u
q
e
r
e
b
y
a
m
g
n
il
d
n
a
h
l
a
m
r
e
h
t
l
a
i
c
e
p
S
:
E
T
O
N
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
26
.
3V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
8
.
0V
I
N
I
t
n
e
r
r
u
C
t
u
p
n
I
0
2
1
±A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
0
2
-
=4
.
2V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
0
2
=5
.
0V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DDX
4.6V
Inputs, V
DD
-0.5V to V
DD + 0.5 V
Outputs, V
DDO
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
42.3°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 5. INPUT FREQUENCY CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
N
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
E
T
O
N
;
1
K
L
C
,
0
K
L
C
0
2
1z
H
M
2
L
A
T
X
,
1
L
A
T
X0
15
2z
H
M
K
L
C
_
Z
R
F
0
2z
H
M
f
o
e
g
n
a
r
O
C
V
e
h
t
n
i
s
i
e
d
i
v
i
D
k
c
a
b
d
e
e
F
*
k
c
o
l
c
e
h
t
e
r
u
s
n
e
o
t
o
i
t
a
r
e
d
i
v
i
d
k
c
a
b
d
e
e
F
n
o
s
d
n
e
p
e
d
y
c
n
e
u
q
e
r
f
t
u
p
n
I
:
1
E
T
O
N
.
z
H
M
0
8
4
-
z
H
M
0
0
2


Similar Part No. - ICS87972DYI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
More results

Similar Description - ICS87972DYI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
   LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com