Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD112S-12TI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MD112S-12TI
Description  3 kVDC Isolation, 1W High Temperature, SIP DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD112S-12TI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MD112S-12TI Datasheet HTML 1Page - MicroPower Direct, LLC MD112S-12TI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
1W Output Power
-40°C to +105°C Operation
3,000 VDC Isolation
Short Circuit Protection
Single & Dual Outputs
18 Standard Models
Miniature SIP Case
Low Cost
MD100x-xxTI
3 kVDC Isolation, 1W
High Temperature, SIP
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Start Up Time
20
mS
Input Filter
Capacitor Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±5.0
%
Line Regulation
For VIN Change of 1%
±1.2
%
Load Regulation, See Note 2
5 VDC Input Models
±10
%
All Other Models
±7.5
Ripple & Noise (20 MHz)
See Note 3
75
mV P - P
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuos (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Sec
3,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
50
pF
Switching Frequency
Variable
50
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions
EN55022
Class B
Conducted Emissions, See Note 4
EN55022
Class B
ESD
EN 61000-4-2
A
±15 kV Air
RS
EN 61000-4-3
A
30V/m
EFT
EN 61000-4-4
A
±2 kV
Surge, See Note 5
EN 61000-4-5
A
±1 kV
CS
EN 61000-4-6
A
10 Vrms
PFMF
EN 61000-4-8
A
30A/m
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+105
°C
Case
+115
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.083 Oz (2.4g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
3.60
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
5 VDC Input
9.0
Input Voltage Surge (0.1 Sec)
12 VDC Input
18.0
VDC
24 VDC Input
30.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series
A 1.5 kVDC Isolation
Model is Available
See the MD100x-xxT


Similar Part No. - MD112S-12TI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD112S-12T MPD-MD112S-12T Datasheet
560Kb / 2P
   Isolated, 1W SIP, High Temperature DC/DC Converters
More results

Similar Description - MD112S-12TI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
   Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100EI MPD-D100EI Datasheet
183Kb / 2P
   Low Cost, 1W SIP High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MD105S-05T MPD-MD105S-05T Datasheet
560Kb / 2P
   Isolated, 1W SIP, High Temperature DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com