Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD605S-05RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MD605S-05RW
Description  2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD605S-05RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MD605S-05RW Datasheet HTML 1Page - MicroPower Direct, LLC MD605S-05RW Datasheet HTML 2Page - MicroPower Direct, LLC MD605S-05RW Datasheet HTML 3Page - MicroPower Direct, LLC MD605S-05RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
For applications that require meeting EMC standards,the diagram above
illustrates a typical connection of the MD600xRW series. The units
do not require external components to operate as specified.Some notes
on this diagram (starting with the input circuit) are:
1. An external fuse should be used in all power module applications.
The recommended fuse is shown in the model chart on page 2.
2. To protect against a surge, an external MOV is recommended on the
input. For a suggested value, contact the factory.
3. To protect against voltage spikes, it is recommended that a TVS be
used on the input. For a suggested value, contact the factory.
4. The filtering components shown are needed to meet the conducted
emissions requirements for EN 55022 ClassA.All components should
be mounted as close to the converter as possible.
Typical Board Layout: With External Filter Components for Single Output Unit
5. Recommended values for components are:
Component
5 VIN
12 VIN
24 VIN
48 VIN
C1
220 µF/25V
C2
22 µF/25V
10 µF/50V
10 µF/50V
2.2 µF/100V
LDM1
10 µH
10 µH
10 µH
15 µH
C3
22 µF/25V
10 µF/50V
10 µF/50V
2.2 µF/100V
C4
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
C5
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
220 pF/3 kV
C6
10 µF - 22 µF
6. To meet the requirements of EN 61000-4-4 and EN 61000-4-5,an external input capacitor
is required for all models.The suggested value is 330 µF/100V. Contact the factory
for more information
7. The output filtering capacitor (C6) is a high frequency, low
resistance electrolytic capacitor. Care must be taken in
choosing this capacitor not to exceed the capacitive load
specification for the unit. Voltage derating of capacitors
should be 80% or above
8. The drawings below show typical board layouts for the EMI
circuit shown above (one for single output models and one
for dual output units).
9. In many applications simply adding input/output
capacitors will enhance the input surge protection
and reduce output ripple sufficiently. The value of
the input capacitor can range from 220 µF to 330 µF,
depending on the needs of the application. The output
capacitor would typically be 10 µF.
Typical Board Layout: With External Filter Components for Dual Output Unit


Similar Part No. - MD605S-05RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD605S-05RWI MPD-MD605S-05RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Converters
MD605S-05RWI MPD-MD605S-05RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
More results

Similar Description - MD605S-05RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD605S-03RWI MPD-MD605S-03RWI Datasheet
840Kb / 4P
   2:1 Input, SIP, High Isolation, 6W DC/DC Converters
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200RU MPD-MD200RU Datasheet
444Kb / 2P
   Wide 4:1 Input, 2W SIP Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
   2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com