Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRS4485 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # DRS4485
Description  DRS4485 Dual RS485 Interface Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

DRS4485 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  DRS4485 Datasheet HTML 1Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 2Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 3Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 4Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 5Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 6Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 7Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SCD4485 Rev G 12/5/14
Aeroflex Plainview
FIGURE 3 – DRIVER SWITCHING WAVEFORMS
FIGURE 3A – TYPICAL DRIVER OUTPUTS
DI
DI
3V
1.5V
tPLH
tr
tSKEW
1/2 VO
VOC
80%
10%
0V
VBUSN
VBUS
VO
–VO
0V, VODIFF
90%
1.5V
tPHL
tSKEW
1/2 VO
20%
tf
VODIFF = VBUS – VBUSN
VBUS
VBUSN


Similar Part No. - DRS4485

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRS4 CRYDOM-DRS4 Datasheet
1Mb / 6P
   DIN rail mount
logo
List of Unclassifed Man...
DRS4010 ETC2-DRS4010 Datasheet
51Kb / 1P
   Subminiature Code Switches
DRS4010 ETC2-DRS4010 Datasheet
217Kb / 2P
   Subminiature Rotary Coded Switches
DRS4016 ETC2-DRS4016 Datasheet
51Kb / 1P
   Subminiature Code Switches
DRS4016 ETC2-DRS4016 Datasheet
217Kb / 2P
   Subminiature Rotary Coded Switches
More results

Similar Description - DRS4485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
logo
MORNSUN Science& Techno...
TD312P485 MORNSUN-TD312P485 Datasheet
338Kb / 3P
   DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com