Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP159 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP159
Description  SNx5DP159 6 Gbps DP to HDMI Retimer
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP159 Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP159 Datasheet HTML 1Page - Texas Instruments SN75DP159 Datasheet HTML 2Page - Texas Instruments SN75DP159 Datasheet HTML 3Page - Texas Instruments SN75DP159 Datasheet HTML 4Page - Texas Instruments SN75DP159 Datasheet HTML 5Page - Texas Instruments SN75DP159 Datasheet HTML 6Page - Texas Instruments SN75DP159 Datasheet HTML 7Page - Texas Instruments SN75DP159 Datasheet HTML 8Page - Texas Instruments SN75DP159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
GPU
DP1x9
Dual Mode DisplayPort
HDMI/DVI
GPU
Dongle
DP++
HDMI
Monitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65DP159, SN75DP159
SLLSEJ2A – JULY 2015 – REVISED AUGUST 2015
SNx5DP159 6 Gbps DP++ to HDMI Retimer
1 Features
3 Description
The
SNx5DP159
device
is
a
dual
mode[1]
1
DisplayPort™ Physical Layer Input Port to TMDS
DisplayPort to transition-minimized differential signal
Physical Layer Output Port Supporting up to
(TMDS) retimer supporting digital video interface
6-Gbps Data Rates
(DVI) 1.0 and high-definition multimedia interface
Support DisplayPort Dual-Mode Standard Version
(HDMI) 1.4b and 2.0 output signals. The SNx5DP159
1.1
device supports the dual mode standard version 1.1
type 1 and type 2 through the DDC link or AUX
Support HDMI2.0a Transmitter Electrical
channel. The SNx5DP159 device supports data rate
Parameters up to 6-Gbps
up to 6 Gbps per data lane to support Ultra HD (4K ×
Supports Type 2 I2C-over-AUX to DDC Bridge
2K / 60 Hz) 8-bits per color high-resolution video and
Integrated TMDS Level Translator and CDR
HDTV with 16-bit color depth at 1080p (1920 × 1080 /
60 Hz). The SNx5DP159 device can automatically
Adaptive Receiver Equalizer and Programmable
configure itself as a re-driver at data rates <1 Gbps,
Fixed Equalizer
or as a retimer at more than this data rate. This
Selectable De-Emphasis
feature can be turned off through I2C[4] programming.
Low Power Typical Consumption
For
signal
integrity,
the
SNx5DP159
device
435 mW at 6-Gbps Retimer
implements
several
features.
The
SNx5DP159
10 mW at Shutdown State
receiver
supports
both
adaptive
and
fixed
equalization to clean up inter-symbol interference
Integrated DVI and HDMI Identification
(ISI) jitter or loss from the bandwidth-limited board
Recognition Dual Mode DP Type 2 Capability
traces or cables. When working as a retimer, the
Active I2C[4] Buffer
embedded clock data recovery (CDR) cleans up the
Input Swap on Main Lanes
input high frequency and random jitter from video
source. The transmitter provides several features for
I2C[4] and Pin-Strap Programmable
passing
compliance
and
reducing
system-level
Industrial Temperature Range:
design issues like de-emphasis, which compensates
–40 to 85°C (SN65DP159)
for the attenuation when driving long cables or high-
Extended Commercial Temperature Range:
loss board traces. The SNx5DP159 device also
0 to 85°C (SN75DP159)
includes TMDS output amplitude adjust using an
external resistor on the Vsadj pin, source termination
40-Pin 0.4-mm Pitch, 5-mm × 5-mm WQFN
selection, and output slew rate control. Device
48-Pin 0.5-mm Pitch, 7-mm × 7-mm VQFN
operation and configuration can be programmed by
pin strapping or I2C[4].
2 Applications
The SNx5DP159 device implements several methods
Personal Computer Market
for power management and active power reduction.
Next Generation Adaptor Dongles
Device Information(1)
Desktop PC
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Notebook PC Market
VQFN (48)
7.00 mm × 7.00 mm
SN65DP159
Docking Station
SN75DP159
WQFN (40)
5.00 mm × 5.00 mm
HDTV
(1) For all available packages, see the orderable addendum at
Standalone Video Card
the end of the data sheet.
Tablet
DP159 Mother Board Application Structure
DP159 Dongle Application Structure
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN75DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP159 TI1-SN75DP159 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RGZR TI1-SN75DP159RGZR Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RGZT TI1-SN75DP159RGZT Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RSBR TI1-SN75DP159RSBR Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN75DP159RSBT TI1-SN75DP159RSBT Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results

Similar Description - SN75DP159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
[Old version datasheet]   SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com