Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1002010-140 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 1002010-140
Description  Compact Slip Rings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1002010-140 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  1002010-140 Datasheet HTML 1Page - Aeroflex Circuit Technology 1002010-140 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
239-263-3102 ● sales-motion@aeroflex.com ● www.aeroflex.com/sliprings
Compact Slip Rings
1002010-100 Series Datasheet
Specifications
Number of Circuits
6, 12, 18, 24, 36 or 40
Current Rating
2 Amps per ring maximum
Voltage
Micro-volts to 210 VDC / 240 VAC
Dielectric Strength
500 VRMS, all combinations
Insulation Resistance
1000 megaohms min. @ 250 VDC
Electrical Noise
30 milliohms maximum
Lead Wire
#26 AWG, Teflon insulated, stranded conductor
Lead Wire Length
12”
Operating Speed
0 to 250 rpm
Contacts
Gold on Gold
Rotation
Bi-directional
Temperature Range
-40°C to +80°C
Ordering Information
Part Number
“L” DIM
RING QTY
1002010-106
0.52
6
1002010-112
0.76
12
1002010-118
1.00
18
1002010-124
1.24
24
1002010-136
1.72
36
1002010-140
1.80
40
Aeroflex Motion Control
3030 Horseshoe Drive South, Naples, FL 34104
Tel: (239) 263-3102
Fax: (239) 261-3110
Copyright 2013 Aeroflex All rights reserved Rev B
Aeroflex reserves the right to make changes to any products and services herein at any time without notice. Consult Aeroflex or an authorized sales representative to verify that the
information in this data sheet is current before using this product. Aeroflex does not assume any responsibility or liability arising out of the application or use of any product or
service described herein, except as expressly agreed to in writing by Aeroflex; nor does the purchase, lease or use of a product or service from Aeroflex convey a license under any
patent rights, copyrights, trademark rights, or any other of the intellectual rights of Aeroflex or of third parties.


Similar Part No. - 1002010-140

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201000001 ERNI-100201000001 Datasheet
148Kb / 1P
   ERMETZD FEDERLEISTE 3-10
100201020001 ERNI-100201020001 Datasheet
169Kb / 1P
   ERmetZDplus Federleiste 4-10
100201030001 ERNI-100201030001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100201040001 ERNI-100201040001 Datasheet
81Kb / 1P
   M 1.27 SRC A, 10-polig BA1
100201070001 ERNI-100201070001 Datasheet
117Kb / 1P
   Federleiste R 96 EE
More results

Similar Description - 1002010-140

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
1001398-008 AEROFLEX-1001398-008 Datasheet
196Kb / 2P
   Compact Slip Rings
1001847-001 AEROFLEX-1001847-001 Datasheet
269Kb / 2P
   Compact Slip Rings
1001877-001 AEROFLEX-1001877-001 Datasheet
269Kb / 2P
   Compact Slip Rings
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
   SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
   SLIP RINGS
logo
Aeroflex Circuit Techno...
1001808-001 AEROFLEX-1001808-001 Datasheet
217Kb / 2P
   Standard Slip Rings
logo
PANDUIT CORP.
CMVDR1 PANDUIT-CMVDR1 Datasheet
104Kb / 1P
   Vertical D-Rings
logo
ebm-papst
9556-2-4013 EBMPAPST-9556-2-4013 Datasheet
138Kb / 1P
   INLET RINGS - MOTORIZED IMPELLERS
logo
Richco, Inc.
ASPR-8-062 RICHCO-ASPR-8-062 Datasheet
39Kb / 1P
   ANTI-SLIP PAD
logo
PANDUIT CORP.
A41186 PANDUIT-A41186 Datasheet
176Kb / 1P
   3PC. NYLON INSULATED. 12-10 BARREL, RINGS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com