Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY13 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 7Page - ATMEL Corporation ATTINY13 Datasheet HTML 8Page - ATMEL Corporation ATTINY13 Datasheet HTML 9Page - ATMEL Corporation ATTINY13 Datasheet HTML 10Page - ATMEL Corporation ATTINY13 Datasheet HTML 11Page - ATMEL Corporation ATTINY13 Datasheet HTML 12Page - ATMEL Corporation ATTINY13 Datasheet HTML 13Page - ATMEL Corporation ATTINY13 Datasheet HTML 14Page - ATMEL Corporation ATTINY13 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
11
ATtiny13
2535B–AVR–01/04
When using the SEI instruction to enable interrupts, the instruction following SEI will be
executed before any pending interrupts, as shown in this example.
Interrupt Response Time
The interrupt execution response for all the enabled AVR interrupts is four clock cycles
minimum. After four clock cycles the Program Vector address for the actual interrupt
handling routine is executed. During this four clock cycle period, the Program Counter is
pushed onto the Stack. The vector is normally a jump to the interrupt routine, and this
jump takes three clock cycles. If an interrupt occurs during execution of a multi-cycle
instruction, this instruction is completed before the interrupt is served. If an interrupt
occurs when the MCU is in sleep mode, the interrupt execution response time is
increased by four clock cycles. This increase comes in addition to the start-up time from
the selected sleep mode.
A return from an interrupt handling routine takes four clock cycles. During these four
clock cycles, the Program Counter (two bytes) is popped back from the Stack, the Stack
Pointer is incremented by two, and the I-bit in SREG is set.
Assembly Code Example
sei
; set Global Interrupt Enable
sleep; enter sleep, waiting for interrupt
; note: will enter sleep before any pending
; interrupt(s)
C Code Example
_SEI(); /* set Global Interrupt Enable */
_SLEEP(); /* enter sleep, waiting for interrupt */
/* note: will enter sleep before any pending interrupt(s) */


Similar Part No. - ATTINY13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13 ATMEL-ATTINY13 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com