Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA162V-8AI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA162V-8AI
Description  8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash
Download  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162V-8AI Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA162V-8AI Datasheet HTML 1Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 2Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA162V-8AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 323 page
background image
3
ATmega162/V
2513F–AVR–12/03
Overview
The ATmega162 is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle,
the ATmega162 achieves throughputs approaching 1 MIPS per MHz allowing the sys-
tem designer to optimize power consumption versus processing speed.
Block Diagram
Figure 2. Block Diagram
INTERNAL
OSCILLATOR
OSCILLATOR
WATCHDOG
TIMER
MCU CTRL.
& TIMING
OSCILLATOR
TIMERS/
COUNTERS
INTERRUPT
UNIT
STACK
POINTER
EEPROM
SRAM
STATUS
REGISTER
USART0
PROGRAM
COUNTER
PROGRAM
FLASH
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
PROGRAMMING
LOGIC
SPI
COMP.
INTERFACE
PORTA DRIVERS/BUFFERS
PORTA DIGITAL INTERFACE
GENERAL
PURPOSE
REGISTERS
X
Y
Z
ALU
+
-
PORTC DRIVERS/BUFFERS
PORTC DIGITAL INTERFACE
PORTB DIGITAL INTERFACE
PORTB DRIVERS/BUFFERS
PORTD DIGITAL INTERFACE
PORTD DRIVERS/BUFFERS
XTAL1
XTAL2
RESET
CONTROL
LINES
VCC
GND
PA0 - PA7
PC0 - PC7
PD0 - PD7
PB0 - PB7
AVR CPU
INTERNAL
CALIBRATED
OSCILLATOR
PORTE
DRIVERS/
BUFFERS
PORTE
DIGITAL
INTERFACE
PE0 - PE2
USART1


Similar Part No. - ATMEGA162V-8AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA162V-8AI ATMEL-ATMEGA162V-8AI Datasheet
231Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V-8AI ATMEL-ATMEGA162V-8AI Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8AI ATMEL-ATmega162V-8AI Datasheet
590Kb / 22P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8AI ATMEL-ATmega162V-8AI Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA162V-8AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87 ATMEL-ATTINY87_14 Datasheet
7Mb / 261P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A_14 Datasheet
521Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System
ATTINY88 ATMEL-ATTINY88_14 Datasheet
6Mb / 302P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY828 ATMEL-ATTINY828 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System
ATTINY441 ATMEL-ATTINY441_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATTINY841 ATMEL-ATTINY841_14 Datasheet
17Mb / 366P
   8-bit AVR Microcontroller with 4/8K Bytes In-System
ATMEGA165 ATMEL-ATMEGA165 Datasheet
169Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_08 Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com