Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8508-7 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT8508-7
Description  ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8508-7 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT8508-7 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8508-7 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SCD8508 Rev E 4/2/14
8
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the International Traffic in Arms Regulations (ITAR). A license from the U.S. Government is required
prior to the export of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
1.320 SQ
Pin 85
Pin 12
Pin 60
Pin 37
Pin 13
Pin 36
Pin 61
Pin 84
Pin 1
FLAT PACKAGE OUTLINE
MAX
(23 Spaces at .050)
Tol Non-Cum
4 Sides
.0165
±.003
1.150 ±.005
.200
MAX
(.400)
Note: Outside ceramic tie bars
not shown for clarity. Contact
factory for details.
.006
±.001
V
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
ACT8508-7
-
Commercial Flow, +25°C testing only
QUAD Flat
Pack
ACT8508-S
5962-0822601KXC
In accordance with DLA SMD
ACT8508-901-1S
5962F0822601KXC
In accordance with DLA Certified RHA Program Plan to
RHA Level "F", 300krad(Si)


Similar Part No. - ACT8508-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8508-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
   ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
   MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
   MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8533 AEROFLEX-MUX8533 Datasheet
92Kb / 8P
   MUX8533 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
   ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8523 AEROFLEX-MUX8523 Datasheet
92Kb / 8P
   MUX8523 Dual 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com