Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6437020X Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD6437020X
Description  SuperH??RISC engine
Download  507 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6437020X Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD6437020X Datasheet HTML 1Page - Hitachi Semiconductor HD6437020X Datasheet HTML 2Page - Hitachi Semiconductor HD6437020X Datasheet HTML 3Page - Hitachi Semiconductor HD6437020X Datasheet HTML 4Page - Hitachi Semiconductor HD6437020X Datasheet HTML 5Page - Hitachi Semiconductor HD6437020X Datasheet HTML 6Page - Hitachi Semiconductor HD6437020X Datasheet HTML 7Page - Hitachi Semiconductor HD6437020X Datasheet HTML 8Page - Hitachi Semiconductor HD6437020X Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 507 page
background image
Organization of This Manual
Table 1 describes how this manual is organized. Figure 1 shows the relationships between the
Sections within this manual.
Table 1 Manual Organization
Category
Section Title
Abbrevi-
ation
Contents
Overview
1.
Overview
Features, internal block diagram, pin layout,
pin functions
CPU
2.
CPU
CPU
Register configuration, data structure.
instruction features, instruction types,
instruction lists
Operating
Modes
3.
Operating
Modes
MCU mode, PROM mode
Internal
Modules
4.
Exception
Processing
Resets, address errors, interrupts, trap
instructions, illegal instructions
5.
Interrupt
Controller
INTC
NMI interrupts, user break interrupts, IRQ
interrupts, on-chip module interrupts
6.
User Break
Controller
UBC
Break address and break bus cycles selection
Clock
7.
Clock Pulse
Generator
CPG
Crystal pulse generator, duty correction circuit
Buses
8.
Bus State
Controller
BSC
Division of memory space, DRAM interface,
refresh, wait state control, parity control
9.
Direct Memory
Access
Controller
DMAC
Auto request, external request, on-chip
peripheral module request, cycle steal mode,
burst mode
Timers
10. 16-Bit
Integrated-
Timer Pulse
Unit
ITU
Waveform output mode, input capture
function, counter clear function, buffer
operation, PWM mode, complementary PWM
mode, reset synchronized mode, synchronized
operation, phase counting mode, compare
match output mode
11. Programmable
Timing Pattern
Controller
TPC
Compare match output triggers, non-overlap
operation
12. Watchdog
Timer
WDT
Watchdog timer mode, interval timer mode
Data
Processing
13. Serial
Communica-
tion Interface
SCI
Asynchronous mode, clock synchronous
mode, multiprocessor communication function


Similar Part No. - HD6437020X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6437020 RENESAS-HD6437020 Datasheet
1Mb / 509P
   SuperH??RISC engine
More results

Similar Description - HD6437020X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7018 RENESAS-SH7018 Datasheet
1Mb / 431P
   SuperH??RISC engine
SH7708 RENESAS-SH7708 Datasheet
2Mb / 633P
   SuperH??RISC engine
HD6417750 RENESAS-HD6417750 Datasheet
6Mb / 1039P
   SuperH RISC engine
HD6417751 RENESAS-HD6417751 Datasheet
6Mb / 1105P
   SuperH RISC engine
SH7020 RENESAS-SH7020 Datasheet
1Mb / 509P
   SuperH??RISC engine
SH7144 RENESAS-SH7144 Datasheet
4Mb / 773P
   Hitachi SuperH RISC engine
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
HD6417034 RENESAS-HD6417034 Datasheet
2Mb / 691P
   SuperH RISC ENGINE SH7032 AND SH7034
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com