Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14780E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14780E
Description  5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14780E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14780E_15 Datasheet HTML 1Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 2Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 3Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 4Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 5Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 6Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 7Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 8Page - Maxim Integrated Products MAX14780E_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Maxim Integrated
+5.0V, ±30kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceiver
MAX14780E
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25NC.) (Note 1)
DRIVER SWITCHING CHARACTERISTICS WITH INTERNAL SRL (500kbps)
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RO Output-High Voltage
VOH
IO = -1mA
VCC -
0.6
V
RO Output-Low Voltage
VOL
IO = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0 P VO P VCC
P
1
F
A
Receiver Input Resistance
RIN
-7V P VCM P +12V
96
kI
Receiver Output Short-Circuit
Current
IOSR
0V P VRO P VCC
P
110
mA
SUPPLY CURRENT
Supply Current
ICC
No load, VRE = 0V, DE = VCC
1.2
1.8
mA
No load, RE = VCC, DE = VCC
1.2
1.8
No load, VRE = 0V, VDE = 0V
1.2
1.8
Supply Current in Shutdown
Mode
ISHDN
RE = VCC, VDE = 0V
2.8
10
F
A
ESD PROTECTION
ESD Protection for A and B
Human Body Model
Q
30
kV
Contact Discharge
IEC 61000-4-2
Q
12
Air-Gap Discharge
IEC 61000-4-2
Q
15
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Propagation Delay
tDPLH
CL = 50pF, RL = 54I, Figures 2 and 3
200
1000
ns
tDPHL
200
1000
Driver Differential Output Rise or
Fall Time
tR , tF
CL = 50pF, RL = 54I, Figures 2 and 3
250
900
ns
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
CL = 50pF, RL = 54I, Figures 2 and 3
140
ns
Maximum Data Rate
500
kbps
Driver Enable to Output High
tDZH
Figure 4
2500
ns
Driver Enable to Output Low
tDZL
Figure 5
2500
ns
Driver Disable Time from Low
tDLZ
Figure 5
100
ns
Driver Disable Time from High
tDHZ
Figure 4
100
ns
Driver Enable from Shutdown to
Output High
tDZH(SHDN) Figure 4
5500
ns
Driver Enable from Shutdown to
Output Low
tDZL(SHDN) Figure 5
5500
ns
Time to Shutdown
tSHDN
50
340
700
ns


Similar Part No. - MAX14780E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
More results

Similar Description - MAX14780E_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com