Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9262ACS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9262ACS
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262ACS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9262ACS Datasheet HTML 1Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 2Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 3Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 4Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 5Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 6Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 7Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9262ACS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
RT9262/A
DS9262/A-04 August 2002
www.richtek.com
5
Electrical Characteristics
(VIN = 1.5V, VDD set to 3.3V, Load Current = 0, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Start-UP Voltage
VST
IL = 1mA
--
0.98
1.05
V
Operating VDD Range
VDD
Start-up to IDD1 > 250µA
0.8
--
6.5
*
V
No Load Current I (VIN)
INO LOAD
VIN = 1.5V, VOUT = 3.3V
--
47
--
µA
Switch-off Current I (VDD)
ISWITCH OFF VIN = 6V
--
17
--
µA
Shutdown Current I (VIN)
IOFF
CE Pin = 0V, VIN = 4.5V
--
0.1
1
µA
Feedback Reference Voltage
VREF
Close Loop, VDD = 3.3V
1.225
1.25
1.275
V
Feedback Reference
Voltage for LDO
RT9262
VREF
Close Loop, VDD = 3.3V
0.843
0.86
0.877
V
LBI Pin Trip Point
RT9262A
VDD = 3.3V
0.843
0.86
0.877
V
Switching Rate
FS
VDD = 3.3V
--
550
--
KHz
Maximum Duty
DMAX
VDD = 3.3V
--
92
--
%
LX ON Resistance
VDD = 3.3V
--
0.25
--
Current Limit Setting
ILIMIT
VDD = 3.3V
--
2
--
A
EXT ON Resistance to VDD
VDD = 3.3V
--
40
--
EXT ON Resistance to GND
VDD = 3.3V
--
30
--
Line Regulation
∆V
LINE
VIN = 1.5 ~ 2.5V, IL = 1mA
--
10
--
mV/V
Load Regulation
∆V
LOAD
VIN = 2.5V, IL = 1 ~ 100mA
--
0.25
--
mV/mA
LDO PMOS ON Resistance RT9262
VDD = 3.3V
--
1
1.5
LDO Drop Out Voltage
RT9262
VDROP
VDD = 3.3V, IL = 100mA
--
70
--
mV
LBO ON Resistance
RT9262A
VDD = 3.3V
--
40
--
CE Pin Trip Level
VDD = 3.3V
0.2
0.8
1.4
V
Temperature Stability for FB, LFB, LBI
TS
Guaranteed by Design
--
50
--
ppm/°C
Thermal Shutdown
TSD
Guaranteed by Design
--
165
--
°C
Thermal Shutdown Hysterises
∆T
SD
Guaranteed by Design
--
10
--
°C
* Note: The CE pin shall be tied to VDD pin and inhibit to act the ON/OFF state whenever the VDD pin voltage
may reach to 5.5V or above.


Similar Part No. - RT9262ACS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9262AGS RICHTEK-RT9262AGS Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262APS RICHTEK-RT9262APS Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
More results

Similar Description - RT9262ACS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com