Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9250ECM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9250ECM+
Description  27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9250ECM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9250ECM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 9Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 10Page - Maxim Integrated Products MAX9250ECM+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
27-Bit, 2.5MHz to 42MHz
DC-Balanced LVDS Deserializers
Maxim Integrated
7
MAX9248/MAX9250
Pin Description
PIN
MAX9248
MAX9250
NAME
FUNCTION
11
R/F
Rising or Falling Latch Edge Select. LVTTL/LVCMOS input. Selects the edge of PCLK_OUT
for latching data into the next chip. Set R/F = high for a rising latch edge. Set R/F = low for a
falling latch edge. Internally pulled down to GND.
2
2
RNG1
LVTTL/LVCMOS Range Select Input. Set to the range that includes the serializer parallel
clock input frequency. Internally pulled down to GND.
33
VCCLVDS
LVDS Supply Voltage. Bypass to LVDSGND with 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible, with the smallest value capacitor closest to the supply pin.
4
4
IN+
Noninverting LVDS Serial-Data Input
5
5
IN-
Inverting LVDS Serial-Data Input
66
LVDSGND
LVDS Supply Ground
7
7
PLLGND
PLL Supply Ground
88
VCCPLL
PLL Supply Voltage. Bypass to PLLGND with 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible with the smallest value capacitor closest to the supply pin.
9
9
RNG0
LVTTL/LVCMOS Range Select Input. Set to the range that includes the serializer parallel
clock input frequency. Internal pulldown to GND.
10
10
GND
Digital Supply Ground
11
11
VCC
Digital Supply Voltage. Supply for LVTTL/LVCMOS inputs and digital circuits. Bypass to
GND with 0.1µF and 0.001µF capacitors in parallel as close to the device as possible with
the smallest value capacitor closest to the supply pin.
12
12
REFCLK
LVTTL/LVCMOS Reference Clock Input. Apply a reference clock that is within
±2% of the
serializer PCLK_IN frequency. Internally pulled down to GND.
13
13
PWRDWN
LVTTL/LVCMOS Power-Down Input. Internally pulled down to GND.
14
SS
LVTTL/LVCMOS Spread-Spectrum Input. SS selects the frequency spread of PCLK_OUT and
output data relative to PCLK_IN. Drive SS high for 4% spread and pull low for 2% spread.
15–23
15–23
CNTL_OUT0–
CNTL_OUT8
LVTTL/LVCMOS Control Data Outputs. CNTL_OUT[8:0] are latched into the next chip on the
rising or falling edge of PCLK_OUT as selected by R/F when DE_OUT is low, and are held
at the last state when DE_OUT is high.
24
24
DE_OUT
LVTTL/LVCMOS Data-Enable Output. High indicates RGB_OUT[17:0] are active. Low
indicates CNTL_OUT[8:0] are active.
25, 37
25, 37
VCCOGND
Output Supply Ground
26, 38
26, 38
VCCO
Output Supply Voltage. Bypass to GND with 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible with the smallest value capacitor closest to the supply pin.


Similar Part No. - MAX9250ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9250ECM++ MAXIM-MAX9250ECM+ Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
More results

Similar Description - MAX9250ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com