Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9259 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9259
Description  Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9259 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9259_14 Datasheet HTML 5Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 6Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 7Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 8Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 9Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 10Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 11Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 12Page - Maxim Integrated Products MAX9259_14 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
Maxim Integrated
Gigabit Multimedia Serial Link with Spread
Spectrum and Full-Duplex Control Channel
MAX9259/MAX9260
MAX9260 AC ELECTRICAL CHARACTERISTICS
(VDVDD = VAVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100I Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VDVDD = VAVDD = VIOVDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PARALLEL CLOCK OUTPUT (PCLKOUT)
Clock Frequency
fPCLKOUT
VBWS = VIOGND, VDRS = VIOVDD
8.33
16.66
MHz
VBWS = VIOGND, VDRS = VIOGND
16.66
104
VBWS = VIOVDD, VDRS = VIOVDD
6.25
12.5
VBWS = VIOVDD, VDRS = VIOGND
12.5
78
Clock Duty Cycle
DC
tHIGH/tT or tLOW/tT (Figure 16)
40
50
60
%
Clock Jitter
tJ
Period jitter, RMS, spread off, 3.125Gbps,
PRBS pattern, UI = 1/fPCLKOUT
0.05
UI
I2C/UART PORT TIMING
Output Rise Time
tR
30% to 70%, CL = 10pF to 100pF, 1kI
pullup to IOVDD
20
150
ns
Output Fall Time
tF
70% to 30%, CL = 10pF to 100pF, 1kI
pullup to IOVDD
20
150
ns
Input Setup Time
tSET
I2C only
100
ns
Input Hold Time
tHOLD
I2C only
0
ns
SWITCHING CHARACTERISTICS
PCLKOUT Rise-and-Fall Time
tR, tF
20% to 80%,
VIOVDD = 1.7V to 1.9V
VDCS = VIOVDD,
CL = 10pF
0.4
2.2
ns
VDCS = VIOGND,
CL = 5pF
0.5
2.8
20% to 80%,
VIOVDD = 3.0V to 3.6V
VDCS = VIOVDD,
CL = 10pF
0.25
1.7
VDCS = VIOGND,
CL = 5pF
0.3
2.0
Parallel Data Rise-and-Fall Time
(Figure 17)
tR, tF
20% to 80%,
VIOVDD = 1.7V to 1.9V
VDCS = VIOVDD,
CL = 10pF
0.5
3.1
ns
VDCS = VIOGND,
CL = 5pF
0.6
3.8
20% to 80%,
VIOVDD = 3.0V to 3.6V
VDCS = VIOVDD,
CL = 10pF
0.3
2.2
VDCS = VIOGND,
CL = 5pF
0.4
2.4
Deserializer Delay
tSD
Spread spectrum enabled (Figure 18)
2880
Bits
Spread spectrum disabled (Figure 18)
750
Lock Time
tLOCK
Spread spectrum enabled (Figure 19)
1500
F
s
Spread spectrum off (Figure 19)
1000
Power-Up Time
tPU
(Figure 20)
2500
F
s
Reverse Control-Channel Output
Rise Time
tR
No high-speed transmission (Figure 13)
180
400
ns
Reverse Control-Channel Output
Fall Time
tF
No high-speed transmission (Figure 13)
180
400
ns


Similar Part No. - MAX9259_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259EVKIT MAXIM-MAX9259EVKIT Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259EVKIT++ MAXIM-MAX9259EVKIT+ Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259GCB MAXIM-MAX9259GCB Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9259GCB/V++ MAXIM-MAX9259GCB/V+ Datasheet
2Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
MAX9259GCB/V+T MAXIM-MAX9259GCB/V+T Datasheet
2Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
More results

Similar Description - MAX9259_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259 Datasheet
2Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9270 MAXIM-MAX9270 Datasheet
1Mb / 33P
   Gigabit Multimedia Deserializer with Spread Spectrum and Full-Duplex Control Channel
Rev 1; 1/11
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 35P
   Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com