Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223EEPP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3223EEPP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EEPP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3223EEPP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 10Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 11Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 12Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 13Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ESD protection can be tested in various ways; the trans-
mitter outputs and receiver inputs of this product family
are characterized for protection to the following limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge Method specified
in IEC1000-4-2
3) ±15kV using IEC1000-4-2’s Air-Gap Method
E
ES
SD
D T
Te
es
stt C
Co
on
nd
diittiio
on
ns
s
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
H
Hu
um
ma
an
n B
Bo
od
dy
y M
Mo
od
de
ell
Figure 6a shows the Human Body Model, and Figure
6b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX3221E/ MAX3223E/
MAX3243E help you design equipment that meets
V-
VCC
0
V+
0
VCC
tINVL
tWU
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
TRANSMITTERS ENABLED, INVALID HIGH
AUTOSHUTDOWN, TRANSMITTERS DISABLED,
1
µA SUPPLY CURRENT, INVALID LOW
TRANSMITTERS ENABLED, INVALID HIGH
-2.7V
-0.3V
+2.7V
+0.3V
0
INDETERMINATE
INDETERMINATE
b)
a)
Figure 5. AutoShutdown Trip Levels
FORCEON
MASTER SHDN LINE
0.1
µF1MΩ
FORCEOFF
MAX3221E
MAX3223E
MAX3243E
POWER-
MANAGEMENT
UNIT
Figure 4. AutoShutdown with Initial Turn-On to Wake Up a
Mouse or Another System
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3c. MAX32_ _E AutoShutdown Logic
Table 2.
INVALID Truth Table
Low
No
High
Yes
INVALID OUTPUT
RS-232 SIGNAL PRESENT
AT ANY RECEIVER INPUT
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
10
Maxim Integrated
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223EEPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EEPP MAXIM-MAX3223EEPP Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3223EEPP MAXIM-MAX3223EEPP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223EEPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com