Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3535ECWI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3535ECWI Datasheet HTML 1Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 2Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 3Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 4Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 5Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 6Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 7Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 8Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
DC ELECTRICAL CHARACTERISTICS TABLE (MAX3535E) (continued)
(VCC1 = +3.0V to +5.5V, VCC2 = +3.13V to +7.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C,
VCC1 = +3.3V, VCC2 = +5V).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DI = high
-7V < VY < min[(VCC2 - 1V) +2V]
DI = low
-7V < VZ < min[(VCC2 - 1V) +2V]
-25
DI = high
+1V < VZ < +12V
Driver Short-Circuit Foldback
Output Current
IOSFD
Driver
enabled
(DE =1)
DI = low
+1V < VY < +12V
+25
µA
SLEW-RATE SELECT (SLO)
Input High Voltage SLO
VIHS
VIHS is measured with respect to GND2
3.0
V
Input Low Voltage SLO
VILS
VILS is measured with respect to GND2
1.0
V
SLO Pullup Resistor
RSLO
VSLO = +3V
100
k
Ω
RECEIVER INPUTS (A, B)
VA or VB = +12V
+125
Receiver Input Current
IAB
VA or VB = -7V
-100
µA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-90
-10
mV
-7V
≤ VCM ≤ +12V, TA = 0°C to +70°C10
30
70
Receiver-Input Hysteresis
ΔVTH
-7v
≤ VCM ≤ +12V, TA = -40°C to +85°C
5
30
70
mV
Receiver-Input Resistance
RIN
-7V
≤ VCM ≤ +12V (Note 1)
96
200
k
Ω
Receiver-Input Open Circuit
Voltage
VOAB
2.6
V
RECEIVER OUTPUT (RO2)
Receiver-Output (RO2) High
Voltage
VRO2H
ISOURCE = 4mA, VCC2 = +3.13V
2.4
V
Receiver-Output (RO2) Low
Voltage
VRO2L
ISINK = 4mA, VCC2 = +3.13V
0.4
V
ISOLATION
60s
2500
Isolation Voltage (Notes 2, 3)
VISO
1s
3000
VRMS
Isolation Resistance
RISO
TA = +25
°C, VISO = 50V (Note 3)
100
10,000
M
Ω
Isolation Capacitance
CISO
TA = +25
°C2
pF
ESD Protection
Human Body Model (A, B, Y, Z)
±15
kV
MAX3535E/MXL1535E
4
Maxim Integrated
MAX3535E/MXL1535E


Similar Part No. - MAX3535ECWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3535ECWI MAXIM-MAX3535ECWI Datasheet
794Kb / 25P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
More results

Similar Description - MAX3535ECWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3535E MAXIM-MAX3535E Datasheet
794Kb / 25P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP3495E EXAR-SP3495E Datasheet
485Kb / 17P
   HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com