Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3421EETJ+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3421EETJ+
Description  USB Peripheral/Host Controller with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3421EETJ+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3421EETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3421EETJ+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MAX3421E
USB Peripheral/Host Controller
with SPI Interface
6
Maxim Integrated
Pin Description (continued)
PIN
NAME
INPUT/
OUTPUT
FUNCTION
21
D+
Input/
Output
USB D+ Signal. Connect D+ to a USB connector through a 33
Ω ±1% series resistor. A
switchable 1.5k
Ω D+ pullup resistor and 15kΩ D+ pulldown resistor is internal to the device.
22
VBCOMP
Input
VBUS Comparator Input. VBCOMP is internally connected to a voltage comparator to allow the
SPI master to detect (through an interrupt or checking a register bit) the presence or loss of
power on VBUS. Bypass VBCOMP to ground with a 1.0µF ceramic capacitor. VBCOMP is pulled
down to ground with RIN (see Electrical Characteristics).
23
VCC
Input
USB Transceiver and Logic Core Power-Supply Input. Connect VCC to a positive 3.3V power
supply. Bypass VCC to ground with a 1.0µF ceramic capacitor as close to the VCC pin as possible.
24
XI
Input
Crystal Oscillator Input. Connect XI to one side of a parallel resonant 12MHz ±0.25% crystal
and a load capacitor to GND. XI can also be driven by an external clock referenced to VCC.
25
XO
Output
Crystal Oscillator Output. Connect XO to the other side of a parallel resonant 12MHz ±0.25% crystal
and a load capacitor to GND. Leave XO unconnected if XI is driven with an external source.
26
GPIN0
27
GPIN1
28
GPIN2
29
GPIN3
30
GPIN4
31
GPIN5
32
GPIN6
Input
General-Purpose Inputs. GPIN7–GPIN0 are connected to VL with internal pullup resistors.
GPIN7–GPIN0 logic levels are referenced to the voltage on VL.
EP
Input
Exposed Pad, Connected to Ground. Connect EP to GND or leave unconnected. EP is located on
the bottom of the TQFN package. The TQFP package does not have an exposed pad.


Similar Part No. - MAX3421EETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421EETJ MAXIM-MAX3421EETJ Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
More results

Similar Description - MAX3421EETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
List of Unclassifed Man...
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
   USB 1.1 USB Host with MP3 Interface Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com