Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223ECUP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3223ECUP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223ECUP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3223ECUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223ECUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
kV
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
MIN
TYP
MAX
UNITS
±25
Output Short-Circuit Current
±60
mA
Output Resistance
300
10M
Output Leakage Current
µA
Input Threshold Low
0.6
1.2
V
±5
±5.4
Output Voltage Swing
V
CONDITIONS
VCC = V+ = V- = 0, TOUT = ±2V
VOUT = ±12V, VCC = 0 or 3V to
5.5V, transmitters disabled
All transmitter outputs loaded with
3k
Ω to ground
Receiver Positive or Negative
Threshold to INVALID High
1
µs
VCC = 5V, Figure 5b
Input Hysteresis
0.5
V
Input Threshold High
V
Input Resistance
35
7
k
0.8
1.5
1.8
2.4
1.5
2.4
TA = +25°C
TA = +25°C
±5.0
Transmitter Output Voltage
V
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3k
Ω to GND,
T1OUT and T2OUT loaded with
2.5mA each
tINVH
SYMBOL
VCC = 3.3V
VCC = 5.0V
VCC = 3.3V
VCC = 5.0V
±15
IEC 1000-4-2 Air-Gap Discharge
Receiver Positive or Negative
Threshold to INVALID Low
30
µs
VCC = 5V, Figure 5b
tINVL
Input Voltage Range
-25
25
V
Receiver or Transmitter Edge to
Transmitters Enabled
100
µs
VCC = 5V, Figure 5b
tWU
Input Voltage Range
-25
25
V
±8
IEC 1000-4-2 Contact Discharge
R_IN, T_OUT
±15
Human Body Model
kV
RECEIVER INPUTS
TRANSMITTER OUTPUTS
MOUSE DRIVEABILITY (MAX3243E)
ESD PROTECTION
Maxim Integrated
3
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223ECUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223ECUP MAXIM-MAX3223ECUP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223ECUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com