Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3295AUT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3295AUT+T
Description  20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3295AUT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3295AUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 9Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 10Page - Maxim Integrated Products MAX3295AUT+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Hot-Swap Input Circuitry
The MAX3293/MAX3294/MAX3295 enable input fea-
tures hot-swap capability. At the input, there are two
NMOS devices, M1 and M2 (Figure 6). When VCC
ramps from zero, an internal 10µs timer turns on
M2 and sets the SR latch, which also turns on M1.
Transistors M2, a 2mA current sink, and M1, a 100µA
current sink, pull DE to GND through a 5.6kΩ resistor.
M2 is designed to pull DE to the disabled state against
an external parasitic capacitance up to 100pF that may
drive DE high. After 10µs, the timer deactivates M2
while M1 remains on, holding DE low against three-
state leakages that can drive DE high. M1 remains on
until an external source overcomes the required input
current. At this time, the SR latch resets and M1 turns
off. When M1 turns off, DE reverts to a standard,
high-impedance CMOS input. Whenever VCC drops
below 1V, the hot-swap input is reset.
Hot-Swap Line Transient
During a hot-swap event when the driver is connected to
the line and is powered up, the driver must not cause the
differential signal to drop below 200mV. Figures 7, 8, and
9 show the results of the MAX3295 during power-up for
three different VCC ramp rates (0.1V/µs, 1V/µs, and 10V/
µs). The photos show the VCC ramp, the single-ended
signal on each side of the 100Ω termination, as well as
the differential signal across the termination.
ESD Protection
Human Body Model
Figure 10 shows the Human Body Model, and Figure 11
shows the current waveform it generates when discharged
into low impedance. This model consists of a 100pF capac-
itor charged to the ESD voltage of interest, which is then
discharged into the device through a 1.5kΩ resistor.
Figure 11. Current Waveform
Figure 10. Human Body ESD Test
Figure 9. Differential Power-Up Glitch (10V/µs)
Figure 8. Differential Power-Up Glitch (1V/µs)
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0V
0V
AMPERES
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1MΩ
RD
1.5kΩ
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
DIFFERENTIAL POWER-UP GLITCH
(10V/µs)
200ns/div
2V/div
VCC
Y
Z
Y-Z
0V
50mV/div
AC-COUPLED
50mV/div
AC-COUPLED
100mV/div
DIFFERENTIAL POWER-UP GLITCH
(1V/µs)
1µs/div
2V/div
VCC
Y
Z
Y-Z
0V
100mV/div
AC-COUPLED
100mV/div
AC-COUPLED
200mV/div
MAX3293–MAX3295
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
www.maximintegrated.com
Maxim Integrated │ 9


Similar Part No. - MAX3295AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
More results

Similar Description - MAX3295AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com