Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3100EPD+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3100EPD+
Description  SPI/MICROWIRE-Compatible UART in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100EPD+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3100EPD+ Datasheet HTML 3Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 4Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 5Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 6Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 7Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 8Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 9Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 10Page - Maxim Integrated Products MAX3100EPD+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
The receiver section receives data in serial form. The
MAX3100 detects a start bit on a high-to-low RX transi-
tion (Figure 3). An internal clock samples data at 16
times the data rate. The start bit can occur as much as
one clock cycle before it is detected, as indicated by
the shaded portion. The state of the start bit is defined
as the majority of the 7th, 8th, and 9th sample of the
internal 16x baud clock. Subsequent bits are also
majority sampled. Receive data is stored in an 8-word
FIFO. The FIFO is cleared if it overflows.
The on-board oscillator can use a 1.8432MHz or
3.6864MHz crystal, or it can be driven at X1 with a 45%
to 55% duty-cycle square wave.
SPI Interface
The bit streams for DIN and DOUT consist of 16 bits,
with bits assigned as shown in the
MAX3100
Operations section. DOUT transitions on SCLK’s falling
edge, and DIN is latched on SCLK’s rising edge (Figure
4). Most operations, such as the clearing of internal
registers, are executed only on CS’s rising edge. The
DIN stream is monitored for its first two bits to tell the
UART the type of data transfer being executed (Write
Config, Read Config, Write Data, Read Data).
Only 16-bit words are expected. If CS goes high in the
middle of a transmission (any time before the 16th bit),
the sequence is aborted (i.e., data does not get written
to individual registers). Every time CS goes low, a new
16-bit stream is expected. An example of a write con-
figuration is shown in Figure 4.
SPI/MICROWIRE-Compatible
UART in QSOP-16
1
RX
BAUD
BLOCK
23
4
5
6
7
8
9
ONE BAUD PERIOD
10
11
MAJORITY
CENTER
SAMPLER
12
13
14
15
16
A
Figure 3. Start-Bit Timing
1
CS
SCLK
DIN
DOUT
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DATA
UPDATED
1
1
FEN
SHDN
TM
RM
PM
RAM
IR
ST
PE
L
B3
B2
B1
B0
RT
0
0
0
00
00
0
0
0
0
0
0
0
Figure 4. SPI Interface (Write Configuration)
MAX3100
Maxim Integrated
7
MAX3100


Similar Part No. - MAX3100EPD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100EPD++ MAXIM-MAX3100EPD+ Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results

Similar Description - MAX3100EPD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
   SPI-to-UART Bridge
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
   SPI-to-UART Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com