Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1631
Description  High-Precision Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1631 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1631_15 Datasheet HTML 2Page - Maxim Integrated Products DS1631_15 Datasheet HTML 3Page - Maxim Integrated Products DS1631_15 Datasheet HTML 4Page - Maxim Integrated Products DS1631_15 Datasheet HTML 5Page - Maxim Integrated Products DS1631_15 Datasheet HTML 6Page - Maxim Integrated Products DS1631_15 Datasheet HTML 7Page - Maxim Integrated Products DS1631_15 Datasheet HTML 8Page - Maxim Integrated Products DS1631_15 Datasheet HTML 9Page - Maxim Integrated Products DS1631_15 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Operation—Measuring Temperature
The DS1631, DS1631A, and DS1731 measure tempera-
ture using bandgap-based temperature sensors. A delta-
sigma analog-to-digital converter (ADC) converts the
measured temperature to a 9-, 10-, 11-, or 12-bit (user-
selectable) digital value that is calibrated in °C; for °F
applications a lookup table or conversion routine must be
used. Throughout this data sheet, the term “conversion” is
used to refer to the entire temperature measurement and
ADC sequence.
The DS1631 and DS1731 always power-up in a low-pow-
er idle state, and the Start Convert T command must be
used to initiate conversions. The DS1631A begins conver-
sions automatically at power-up in the mode determined
by the configuration register’s 1SHOT bit.
The DS1631, DS1631A, and DS1731 can be programmed
to perform continuous consecutive conversions (continu-
ous-conversion mode) or to perform single conversions
on command (one-shot mode). The conversion mode is
programmed through the 1SHOT bit in the configuration
register as explained in the Configuration Register sec-
tion of this data sheet. In continuous-conversion mode,
the DS1631A begins performing continuous conversions
immediately at power-up, and the DS1631 and DS1731
begin continuous conversions after a Start Convert T
command is issued. For all three devices, consecu-
tive conversions continue to be performed until a Stop
Convert T command is issued, at which time the device
goes into a low-power idle state. Continuous conversions
can be restarted at any time using the Start Convert T
command.
In one-shot mode the DS1631A performs a single con-
version at power-up, and the DS1631 and DS1731
perform a single temperature conversion when a Start
Convert T command is issued. For all three devices,
when the conversion is complete the device enters a
low-power idle state and remains in that state until a
single temperature conversion is again initiated by a Start
Convert T command.
The resolution of the output digital temperature data is
user-configurable to 9, 10, 11, or 12 bits, corresponding
to temperature increments of 0.5°C, 0.25°C, 0.125°C, and
0.0625°C, respectively. The default resolution at power-
up is 12 bits, and it can be changed through the R0 and
R1 bits in the configuration register. Note that the conver-
sion time doubles for each additional bit of resolution.
After each conversion, the digital temperature is stored
as a 16-bit two’s complement number in the two-byte
temperature register as shown in Figure 4. The sign bit
(S) indicates if the temperature is positive or negative:
for positive numbers S = 0 and for negative numbers
S = 1. The Read Temperature command provides user
access to the temperature register. Bits 3 through 0 of
the temperature register are hardwired to 0. When the
device is configured for 12-bit resolution, the 12 MSbs
(bits 15 through 4) of the temperature register contain
temperature data. For 11 bit resolution, the 11 MSbs (bits
15 through 5) of the temperature register contain data,
and bit 4 is 0. Likewise, for 10-bit resolution, the 10 MSbs
(bits 15 through 6) contain data, and for 9-bit the 9 MSbs
(bits 15 through 7) contain data, and all unused LSbs con-
tain 0s. Table 4 gives examples of 12-bit resolution output
data and the corresponding temperatures.
Table 4. 12-Bit Resolution Temperature/
Data Relationship
TEMPERATURE
(°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL
OUTPUT (HEX)
+125
0111 1101 0000 0000
7D00h
+25.0625
0001 1001 0001 0000
1910h
+10.125
0000 1010 0010 0000
0A20h
+0.5
0000 0000 1000 0000
0080h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1000 0000
FF80h
-10.125
1111 0101 1110 0000
F5E0h
-25.0625
1110 0110 1111 0000
E6F0h
-55
1100 1001 0000 0000
C900h
Figure 4. Temperature, TH, And TL Register Format
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
MS BYTE
S
26
25
24
23
22
21
20
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LS BYTE
2-1
2-2
2-3
2-4
0
0
0
0
DS1631/DS1631A/
DS1731
High-Precision Digital
Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - DS1631_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
More results

Similar Description - DS1631_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com