Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN8834 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8834
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834 Datasheet(HTML) 1 Page - Analog Devices

  ADN8834 Datasheet HTML 1Page - Analog Devices ADN8834 Datasheet HTML 2Page - Analog Devices ADN8834 Datasheet HTML 3Page - Analog Devices ADN8834 Datasheet HTML 4Page - Analog Devices ADN8834 Datasheet HTML 5Page - Analog Devices ADN8834 Datasheet HTML 6Page - Analog Devices ADN8834 Datasheet HTML 7Page - Analog Devices ADN8834 Datasheet HTML 8Page - Analog Devices ADN8834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Ultracompact, 1.5 A Thermoelectric Cooler
(TEC) Controller
Data Sheet
ADN8834
FEATURES
Patented high efficiency single inductor architecture
Integrated low RDSON MOSFETs for the TEC controller
TEC voltage and current operation monitoring
No external sense resistor required
Independent TEC heating and cooling current limit settings
Programmable maximum TEC voltage
2.0 MHz PWM driver switching frequency
External synchronization
Two integrated, zero drift, rail-to-rail chopper amplifiers
Capable of NTC or RTD thermal sensors
2.50 V reference output with 1% accuracy
Temperature lock indicator
Available in a 25-ball, 2.5 mm × 2.5 mm WLCSP or in a
24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
TEC temperature control
Optical modules
Optical fiber amplifiers
Optical networking systems
Instruments requiring TEC temperature control
FUNCTIONAL BLOCK DIAGRAM
TEC CURRENT
AND VOLTAGE
SENSE AND LIMIT
CONTROLLER
LINEAR
POWER
STAGE
TEC DRIVER
PWM
POWER
STAGE
OSCILLATOR
VOLTAGE
REFERENCE
OUT1
VLIM/
SD
VTEC
ILIM
PVIN
ITEC
EN/SY
VREF
LDR
SFB
IN2P
IN2N
IN1P
IN1N
OUT2
SW
PGNDx
VDD
AGND
ERROR
AMP
COMP
AMP
Figure 1.
GENERAL DESCRIPTION
The ADN8834 is a monolithic TEC controller with an integrated
TEC controller. It has a linear power stage, a pulse-width
modulation (PWM) power stage, and two zero-drift, rail-to-rail
operational amplifiers. The linear controller works with the PWM
driver to control the internal power MOSFETs in an H-bridge
configuration. By measuring the thermal sensor feedback
voltage and using the integrated operational amplifiers as a
proportional integral differential (PID) compensator to condition
the signal, the ADN8834 drives current through a TEC to settle
the temperature of a laser diode or a passive component attached
to the TEC module to the programmed target temperature.
The ADN8834 supports negative temperature coefficient (NTC)
thermistors as well as positive temperature coefficient (PTC)
resistive temperature detectors (RTD). The target temperature is
set as an analog voltage input either from a digital-to-analog
converter (DAC) or from an external resistor divider.
The temperature control loop of the ADN8834 is stabilized by
PID compensation utilizing the built in, zero drift chopper
amplifiers. The internal 2.50 V reference voltage provides a 1%
accurate output that is used to bias a thermistor temperature
sensing bridge as well as a voltage divider network to program
the maximum TEC current and voltage limits for both the heating
and cooling modes. With the zero drift chopper amplifiers,
extremely good long-term temperature stability is maintained via
an autonomous analog temperature control loop.
Table 1. TEC Family Models
Device No.
MOSFET
Thermal Loop
Package
ADN8831
Discrete
Digital/analog
LFCSP (CP-32-7)
ADN8833
Integrated
Digital
WLCSP (CB-25-7),
LFCSP (CP-24-15)
ADN8834
Integrated
Digital/analog
WLCSP (CB-25-7),
LFCSP (CP-24-15)
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADN8834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8834 AD-ADN8834 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8834 AD-ADN8834 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8834ACBZ-R7 AD-ADN8834ACBZ-R7 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8834ACPZ-R2 AD-ADN8834ACPZ-R2 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results

Similar Description - ADN8834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8833 AD-ADN8833 Datasheet
978Kb / 23P
   Ultracompact, 1 A Thermoelectric Cooler (TEC) Driver for Digital Control Systems
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com