Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN8833 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN8833
Description  Ultracompact, 1 A Thermoelectric Cooler (TEC) Driver for Digital Control Systems
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8833 Datasheet(HTML) 3 Page - Analog Devices

  ADN8833 Datasheet HTML 1Page - Analog Devices ADN8833 Datasheet HTML 2Page - Analog Devices ADN8833 Datasheet HTML 3Page - Analog Devices ADN8833 Datasheet HTML 4Page - Analog Devices ADN8833 Datasheet HTML 5Page - Analog Devices ADN8833 Datasheet HTML 6Page - Analog Devices ADN8833 Datasheet HTML 7Page - Analog Devices ADN8833 Datasheet HTML 8Page - Analog Devices ADN8833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADN8833
SPECIFICATIONS
VIN = 2.7 V to 5.5 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA =25°C for typical specifications, unless
otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Driver Supply Voltage
VPVIN
WLCSP
2.7
5.5
V
VPVINL, VPVINS
LFCSP
2.7
5.5
V
Controller Supply Voltage
VVDD
2.7
5.5
V
Supply Current
IVDD
PWM not switching
2.1
3.5
mA
Shutdown Current
ISD
EN/SY = AGND or VLIM/SD = AGND
350
700
µA
Undervoltage Lockout (UVLO)
VUVLO
VVDD rising
2.45
2.55
2.65
V
UVLO Hysteresis
UVLOHYST
80
90
100
mV
REFERENCE VOLTAGE
VVREF
IVREF = 0 mA to 10 mA
2.475
2.50
2.525
V
LINEAR OUTPUT
Output Voltage
VLDR
ILDR = 0 A
Low
0
V
High
VPVIN
V
Maximum Source Current
ILDR_SOURCE
TJ = −40°C to +125°C
1.0
A
Maximum Sink Current
ILDR_SINK
TJ = −40°C to +125°C
1.0
A
On Resistance
ILDR = 0.6 A
P-MOSFET
RDS_PL(ON)
WLCSP, VPVIN = 5.0 V
35
50
mΩ
WLCSP, VPVIN = 3.3 V
44
60
mΩ
LFCSP, VPVIN = 5.0 V
50
65
mΩ
LFCSP, VPVIN = 3.3 V
55
75
mΩ
N-MOSFET
RDS_NL(ON)
WLCSP, VPVIN = 5.0 V
31
50
mΩ
WLCSP, VPVIN = 3.3 V
40
55
mΩ
LFCSP, VPVIN = 5.0 V
45
70
mΩ
LFCSP, VPVIN = 3.3 V
50
80
mΩ
Leakage Current
P-MOSFET
ILDR_P_LKG
0.1
10
µA
N-MOSFET
ILDR_N_LKG
0.1
10
µA
Linear Amplifier Gain
ALDR
40
V/V
LDR Short-Circuit Threshold
ILDR_SH_GNDL
LDR short to PGNDL, enter hiccup
2.2
A
ILDR_SH_PVIN
LDR short to PVIN, enter hiccup
−2.2
A
Hiccup Cycle
THICCUP
15
ms
PWM OUTPUT
Output Voltage
VSFB
ISFB = 0 A
Low
0.06 × VPVIN
V
High
0.93 × VPVIN
V
Maximum Source Current
ISW_SOURCE
TJ = −40°C to +125°C
1.0
A
Maximum Sink Current
ISW_SINK
TJ = −40°C to +125°C
1.0
A
On Resistance
ISW = 0.6 A
P-MOSFET
RDS_PS(ON)
WLCSP, VPVIN = 5.0 V
47
65
mΩ
WLCSP, VPVIN = 3.3 V
60
80
mΩ
LFCSP, VPVIN = 5.0 V
60
80
mΩ
LFCSP, VPVIN = 3.3 V
70
95
mΩ
N-MOSFET
RDS_NS(ON)
WLCSP, VPVIN = 5.0 V
40
60
mΩ
WLCSP, VPVIN = 3.3 V
45
65
mΩ
LFCSP, VPVIN = 5.0 V
45
75
mΩ
LFCSP, VPVIN = 3.3 V
55
85
mΩ
Leakage Current
Rev. A | Page 3 of 23


Similar Part No. - ADN8833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8833 AD-ADN8833 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8833 AD-ADN8833 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8833 AD-ADN8833 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results

Similar Description - ADN8833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
   Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com