Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV051L Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV051L
Description  3.3V LVDS High-Speed Differential Line Drivers and Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV051L Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV051L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV051L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8539
05/01/01
PI90LV179/PI90LV180/
PI90LV050/PI90LV051
3.3V LVDS High-Speed Differential Line Drivers and Receivers
Function Tables
Pin Descriptions
PI90LV179 Receiver
t
u
p
n
It
u
p
t
u
O
D N
I
D
+
T
U
O
D
T
U
O
LL
H
HH
L
n
e
p
oL
H
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
D N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
DOUT+s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
i
t
r
e
v
n
i
-
n
o
N
DOUT+s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
i
t
r
e
v
n
I
ROUT
s
n
i
p
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
R N
I +s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
i
t
r
e
v
n
i
-
n
o
N
R
N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
i
t
r
e
v
n
I
V D
I
e
g
a
t
l
o
V
l
a
n
g
i
S
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
P
Absolute Maximum Ratings
Supply Voltage (VCC) .................................................... –0.5Vto+4.0V
Driver
Input Voltage (DIN) ....................................... –0.3V to (Vcc + 0.3V)
Output Voltage (DOUT+, DOUT-) ...............................–0.3Vto+3.9V
Short Circuit Duration (DOUT+, DOUT-) ......................... Continuous
Enable Input Voltage (DEN) ............................ –0.3Vto(VCC +0.3V)
Receiver
Input Voltage (RIN+, RIN-) ........................................ –0.3Vto+3.9V)
Output Voltage (ROUT) ................................... –0.3Vto(VCC +0.3V)
Enable Input Voltage (REN*) ........................... –0.3Vto(VCC +0.3V)
Storage Temperature Range .................................. –65°C to +150°C
Lead Temperature Range Soldering (4s) ............................... +260°C
Maximum Junction Temperature ............................................ +150°C
ESD Rating ............................................................................... >12kV
s
t
u
p
n
It
u
p
t
u
O
V D
I
V
=
+
N
I
R
V
N
I
R
R
T
U
O
V D
I
V
m
0
5H
V
<
V
m
0
5
D
I
V
m
0
5
<?
V D
I
V
m
0
5
L
n
e
p
oH
PI90LV179 Driver
Notes:
H = High Level, L = Low Level, ? = Indeterminate,
Z = High-Impedance, X = Don’t Care
PI90LV180/ PI90LV050/PI90LV051 Receiver
s
t
u
p
n
It
u
p
t
u
O
V D
I
V
=
+
N
I
R
V
N
I
R
R
*
N
E
R
T
U
O
V D
I
V
m
0
5L
H
V
<
V
m
0
5
D
I
V
m
0
5
<L
?
V D
I
V
m
0
5
LL
n
e
p
oL
H
XH
Z
s
t
u
p
n
It
u
p
t
u
O
D N
I
D N
E
D
+
T
U
O
D
T
U
O
LH
LH
HH
H
L
n
e
p
oH
L
H
XL
Z
Z
PI90LV180/PI90LV050/PI90LV051 Driver
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
C
C )3
3
.
36
.
3
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
H
H
I
2
V
,
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
L
L
I
8
.
0
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
f
o
e
d
u
t
i
n
g
a
M
V
e
g
a
t
l
o
V
D
I
1
.
06
.
0
,
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
m
-
n
o
m
m
o
C
V C
I
)
5
g
i
F
(
V
|
D
I |2
/V
|
4
.
2
D
I |2
/
V C
C
8
.
0
T
e
r
u
t
a
r
e
p
m
e
T
r
i
A
e
e
r
F
g
n
i
t
a
r
e
p
O
A
0
4
5
8C
°
RecommendedOperatingConditions


Similar Part No. - PI90LV051L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV051L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com